Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 164 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 164 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 160Page - STMicroelectronics STM32W108HB Datasheet HTML 161Page - STMicroelectronics STM32W108HB Datasheet HTML 162Page - STMicroelectronics STM32W108HB Datasheet HTML 163Page - STMicroelectronics STM32W108HB Datasheet HTML 164Page - STMicroelectronics STM32W108HB Datasheet HTML 165Page - STMicroelectronics STM32W108HB Datasheet HTML 166Page - STMicroelectronics STM32W108HB Datasheet HTML 167Page - STMicroelectronics STM32W108HB Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 179 page
background image
Electrical characteristics
STM32W108CB, STM32W108HB
164/179
Doc ID 16252 Rev 2
Note:
INL and DNL are referenced to a LSB of the Equivalent ADC Bits shown in the last row of
Table 38. ENOB (effective number of bits) can be calculated from either SNR (signal to non-
harmonic noise ratio) or SINAD (signal-to-noise and distortion ratio).
Table 39 lists other specifications for the ADC not covered in Table 37 and Table 38.
INL (codes RMS)
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
DNL (codes peak)
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
DNL (codes RMS)
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
ENOB (from single-cycle test)
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
SNR (dB)
Single-Ended
Differential
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
SINAD (dB)
Single-Ended
Differential
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
SDFR (dB)
Single-Ended
Differential
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
THD (dB)
Single-Ended
Differential
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
ENOB (from SNR)
Single-Ended
Differential
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
ENOB (from SINAD)
Single-Ended
Differential
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
Equivalent ADC Bits
5
[15:11]
6
[15:10]
7
[15:9]
8
[15:8]
9
[15:7]
10
[15:6]
11
[15:5]
12
[15:4]
Table 38.
ADC module key parameters for 6 MHz sampling (continued)
Parameter
Performance
Table 39.
ADC specifications
Parameter
Min.
Typ.
Max.
Units
VREF
1.17
1.2
1.23
V
VREF output current
1
mA
VREF load capacitance
10
nF
External VREF voltage range
1.1
1.2
1.3
V
External VREF input impedance
1
M
Ω
Minimum input voltage
Input buffer disabled
Input buffer enabled
0
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com