Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 161 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 161 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 157Page - STMicroelectronics STM32W108HB Datasheet HTML 158Page - STMicroelectronics STM32W108HB Datasheet HTML 159Page - STMicroelectronics STM32W108HB Datasheet HTML 160Page - STMicroelectronics STM32W108HB Datasheet HTML 161Page - STMicroelectronics STM32W108HB Datasheet HTML 162Page - STMicroelectronics STM32W108HB Datasheet HTML 163Page - STMicroelectronics STM32W108HB Datasheet HTML 164Page - STMicroelectronics STM32W108HB Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 179 page
background image
STM32W108CB, STM32W108HB
Electrical characteristics
Doc ID 16252 Rev 2
161/179
12.4
Clock frequencies
12.4.1
High frequency internal clock characteristics
12.4.2
High frequency external clock characteristics
Table 33.
High-frequency RC oscillator specification
Parameter
Test conditions
Min
Typ
Max
Unit
Frequency at reset
6
12
20
MHz
Frequency Steps
0.5
MHz
Duty cycle
40
60
%
Supply dependence
Change in supply = 0.1 V
Test at supply changes: 1.8 V
to 1.7 V
5%
Table 34.
High-frequency crystal oscillator specification
Parameter
Test conditions
Min
Typ
Max
Unit
Frequency
24
MHz
Accuracy
-40
+40
ppm
Duty cycle
40
60
%
Phase noise (at 100 kHz offset)
-120
dBc/Hz
Start-up time at max bias
1
ms
Start up time at optimal bias
2
ms
Current consumption
200
300
µA
Current consumption at max bias
1
mA
Crystal with high ESR
100
Ω
– Load capacitance
10
pF
– Crystal Capacitance
7
pF
– Crystal power dissipation
200
µW
Crystal with low ESR
60
Ω
– Load capacitance
18
pF
– Crystal Capacitance
7
pF
– Crystal power dissipation
1
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com