Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 158 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 158 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 154Page - STMicroelectronics STM32W108HB Datasheet HTML 155Page - STMicroelectronics STM32W108HB Datasheet HTML 156Page - STMicroelectronics STM32W108HB Datasheet HTML 157Page - STMicroelectronics STM32W108HB Datasheet HTML 158Page - STMicroelectronics STM32W108HB Datasheet HTML 159Page - STMicroelectronics STM32W108HB Datasheet HTML 160Page - STMicroelectronics STM32W108HB Datasheet HTML 161Page - STMicroelectronics STM32W108HB Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 179 page
background image
Electrical characteristics
STM32W108CB, STM32W108HB
158/179
Doc ID 16252 Rev 2
12.3
Operating conditions
12.3.1
General operating conditions
Table 26.
General operating conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
–
Regulator input voltage (VDD_PADS)
2.1
3.6
V
–
Analog and memory input voltage
(VDD_24MHZ, VDD_VCO, VDD_RF,
VDD_IF, VDD_PADSA, VDD_MEM,
VDD_PRE, VDD_SYNTH)
1.7
1.8
1.9
V
–
Core input voltage (VDD_CORE)
1.18
1.25
1.32
V
–
Operating temperature range
-40
+85
°C
fHCLK
Internal AHB clock frequency
0
72
MHz
fPCLK1
Internal APB1 clock frequency
0
36
fPCLK2
Internal APB2 clock frequency
0
72
VDD
Standard operating voltage
2
3.6
V
VDDA
Analog operating voltage
(ADC not used)
Must be the same
potential as VDD
23.6
V
Analog operating voltage
(ADC used)
2.4
3.6
VBAT
Backup operating voltage
1.8
3.6
V
TA
Ambient temperature for 6 suffix
version
Maximum power
dissipation
–40
85
°C
Low power
dissipation
–40
105
Ambient temperature for 7 suffix
version
Maximum power
dissipation
–40
105
°C
Low power
dissipation
–40
125
TJ
Junction temperature range
6 suffix version
–40
105
°C
7 suffix version
–40
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com