Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 157 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 157 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 153Page - STMicroelectronics STM32W108HB Datasheet HTML 154Page - STMicroelectronics STM32W108HB Datasheet HTML 155Page - STMicroelectronics STM32W108HB Datasheet HTML 156Page - STMicroelectronics STM32W108HB Datasheet HTML 157Page - STMicroelectronics STM32W108HB Datasheet HTML 158Page - STMicroelectronics STM32W108HB Datasheet HTML 159Page - STMicroelectronics STM32W108HB Datasheet HTML 160Page - STMicroelectronics STM32W108HB Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 179 page
background image
STM32W108CB, STM32W108HB
Electrical characteristics
Doc ID 16252 Rev 2
157/179
12.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 23: Voltage characteristics,
Table 24: Current characteristics, and Table 25: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and functional operation of
the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Table 23.
Voltage characteristics
Ratings
Min.
Max.
Unit
Regulator input voltage (VDD_PADS)
-0.3
+3.6
V
Analog, Memory and Core voltage (VDD_24MHZ, VDD_VCO,
VDD_RF, VDD_IF, VDD_PADSA, VDD_MEM, VDD_PRE,
VDD_SYNTH, VDD_CORE)
-0.3
+2.0
V
Voltage on RF_P,N; RF_TX_ALT_P,N
-0.3
+3.6
V
RF Input Power (for max level for correct packet reception see
Table 43: Receive characteristics)
RX signal into a lossless balun
+15
dBm
Voltage on any GPIO (PA[7:0], PB[7:0], PC[7:0]), SWCLK,
NRST, VREG_OUT
-0.3
VDD_PADS +0.3
V
Voltage on BIAS_R, OSCA, OSCB
-0.3
VDD_PADSA +0.3
V
Table 24.
Current characteristics
Symbol
Ratings
Max.
Unit
IVDD
Total current into VDD/VDDA power lines (source)
150
mA
IVSS
Total current out of VSS ground lines (sink)
150
IIO
Output current sunk by any I/O and control pin
25
Output current source by any I/Os and control pin
− 25
IINJ(PIN)
Injected current on NRST pin
± 5
Injected current on HSE OSC_IN and LSE OSC_IN pins
± 5
Injected current on any other pin
± 5
ΣI
INJ(PIN)
Total injected current (sum of all I/O and control pins)
± 25
Table 25.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–40 to +140
°C
TJ
Maximum junction temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com