Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 159 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 159 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 155Page - STMicroelectronics STM32W108HB Datasheet HTML 156Page - STMicroelectronics STM32W108HB Datasheet HTML 157Page - STMicroelectronics STM32W108HB Datasheet HTML 158Page - STMicroelectronics STM32W108HB Datasheet HTML 159Page - STMicroelectronics STM32W108HB Datasheet HTML 160Page - STMicroelectronics STM32W108HB Datasheet HTML 161Page - STMicroelectronics STM32W108HB Datasheet HTML 162Page - STMicroelectronics STM32W108HB Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 179 page
background image
STM32W108CB, STM32W108HB
Electrical characteristics
Doc ID 16252 Rev 2
159/179
12.3.2
Operating conditions at power-up
Power-on resets (POR HV and POR LV)
The STM32W108 measures the voltage levels supplied to the three power domains. If a
supply voltage drops below a low threshold, then a reset is applied. The reset is released if
the supply voltage rises above a high threshold. There are three detection circuits for power
on reset as follows:
●
POR HV monitors the always on domain supply voltage. Thresholds are given in
Table 27.
●
POR LVcore monitors the core domain supply voltage. Thresholds are given in
Table 28.
●
POR LVmem monitors the memory supply voltage. Thresholds are given in Table 29.
The POR LVcore and POR LVmem reset sources are merged to provide a single reset
source, POR LV, to the Reset Generation module, since the detection of either event needs
to reset the same system modules.
NRST pin
A single active low pin, NRST, is provided to reset the system. This pin has a Schmitt
triggered input.
To afford good noise immunity and resistance to switch bounce, the pin is filtered with the
Reset Filter module and generates the reset source RSTB to the Reset Generation module.
Table 27.
POR HV thresholds
Parameter
Test conditions
Min
Typ
Max
Unit
Always-on domain release
1.0
1.2
1.4
V
Always-on domain assert
0.5
0.6
0.7
V
Supply rise time
From 0.5 V to 1.7 V
250
µs
Table 28.
POR LVcore thresholds
Parameter
Test conditions
Min
Typ
Max
Unit
1.25 V domain release
0.9
1.0
1.1
V
1.25 V domain assert
0.8
0.9
1.0
V
Table 29.
POR LVmem thresholds
Parameter
Test conditions
Min
Typ
Max
Unit
1.8 V domain release
1.35
1.5
1.65
V
1.8 V domain assert
1.26
1.4
1.54
V
Table 30.
Reset filter specification for RSTB
Parameter
Min
Typ
Max
Unit
Reset filter time constant
2.1
12.0
16.0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com