Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 170 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 170 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 166Page - STMicroelectronics STM32W108HB Datasheet HTML 167Page - STMicroelectronics STM32W108HB Datasheet HTML 168Page - STMicroelectronics STM32W108HB Datasheet HTML 169Page - STMicroelectronics STM32W108HB Datasheet HTML 170Page - STMicroelectronics STM32W108HB Datasheet HTML 171Page - STMicroelectronics STM32W108HB Datasheet HTML 172Page - STMicroelectronics STM32W108HB Datasheet HTML 173Page - STMicroelectronics STM32W108HB Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 179 page
background image
Electrical characteristics
STM32W108CB, STM32W108HB
170/179
Doc ID 16252 Rev 2
12.7
Non-RF system electrical characteristics
Table 42 lists the non-RF system level characteristics for the STM32W.
Output voltage for logic 0
VOL
(IOL = 4 mA for standard
pads, 8 mA for high current
pads)
0
0.18 x
VDD_PADS
V
Output voltage for logic 1
VOH
(IOH = 4 mA for standard
pads, 8 mA for high current
pads)
0.82 x
VDD_PADS
VDD_PADS
V
Output source current (standard
current pad)
IOHS
4mA
Output sink current (standard
current pad)
IOLS
4mA
Output source current
high current pad: PA6, PA7,
PB6, PB7, PC0
IOHH
8mA
Output sink current
high current pad: PA6, PA7,
PB6, PB7, PC0
IOLH
8mA
Total output current (for I/O
Pads)
IOH + IOL
40
mA
Input voltage threshold for
OSC32A
0.2 x
VDD_PADS
0.8 x
VDD_PADS
V
Input voltage threshold for
OSCA
0.2 x
VDD_PADS
A
0.8 x
VDD_PADS
A
V
Table 41.
Digital I/O specifications (continued)
Parameter
Conditions
Min.
Typ.
Max.
Unit
Table 42.
Non-RF system electrical characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
System wake time from deep
sleep
From wakeup event to first
ARM® Cortex-M3 instruction
running from 6MHz internal RC
clock
Includes supply ramp time and
oscillator startup time
100
µs
Shutdown time going into deep
sleep
From last ARM® Cortex-M3
instruction to deep sleep mode
5µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com