Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA1 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA1 Datasheet HTML 97Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 98Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 99Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 100Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 101Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 102Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 103Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 104Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 134 page
background image
Chapter 12 Development Support
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
101
Figure 12-4. BDC Target-to-Host Serial Bit Timing (Logic 1)
Figure 12-5 shows the host receiving a logic 0 from the target MCU. Because the host is asynchronous to
the target, there is a 0-to-1 cycle delay from the host-generated falling edge on BKGD to the start of the
bit time as perceived by the target. The host initiates the bit time but the target finishes it. Because the target
wants the host to receive a logic 0, it drives the BKGD pin low for 13 BDC clock cycles, then briefly drives
it high to speed up the rising edge. The host samples the bit level approximately 10 cycles after starting
the bit time.
HOST SAMPLES BKGD PIN
10 CYCLES
BDC CLOCK
(TARGET MCU)
HOST DRIVE
TO BKGD PIN
TARGET MCU
SPEEDUP PULSE
PERCEIVED START
OF BIT TIME
HIGH IMPEDANCE
HIGH IMPEDANCE
HIGH IMPEDANCE
BKGD PIN
R-C RISE
10 CYCLES
EARLIEST START
OF NEXT BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com