Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA1 Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1 Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA1 Datasheet HTML 99Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 100Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 101Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 102Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 103Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 104Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 105Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 106Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 134 page
background image
Chapter 12 Development Support
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
103
•
Subsequent bits must occur within 512 BDC cycles of the last bit sent.
12.4
BDC Registers and Control Bits
The BDC contains two non-CPU accessible registers:
•
The BDC status and control register (BDCSCR) is an 8-bit register containing control and status
bits for the background debug controller.
•
The BDC breakpoint register (BDCBKPT) holds a 16-bit breakpoint match address.
These registers are accessed with dedicated serial BDC commands and are not located in the memory
space of the target MCU (so they do not have addresses and cannot be accessed by user programs).
Some of the bits in the BDCSCR have write limitations; otherwise, these registers may be read or written
at any time. For example, the ENBDM control bit may not be written while the MCU is in active
background mode. This prevents the ambiguous condition of the control bit forbidding active background
mode while the MCU is already in active background mode. Also, the status bits (BDMACT, WS, and
WSF) are read-only status indicators and can never be written by the WRITE_CONTROL serial BDC
command.
12.4.1
BDC Status and Control Register (BDCSCR)
This register can be read or written by serial BDC commands (READ_STATUS and WRITE_CONTROL)
but is not accessible to user programs because it is not located in the normal memory map of the MCU.
76
543
210
R
ENBDM
BDMACT
BKPTEN
FTS
0WS
WSF
0
W
Normal
Reset
000
000
00
Reset in
Active BDM:
110
000
00
= Unimplemented or Reserved
Figure 12-6. BDC Status and Control Register (BDCSCR)
Table 12-1. BDCSCR Register Field Descriptions
Field
Description
7
ENBDM
Enable BDM (Permit Active Background Mode) — Typically, this bit is written to 1 by the debug host shortly
after the beginning of a debug session or whenever the debug host resets the target and remains 1 until a normal
reset clears it
. If the application can go into stop mode, this bit is required to be set if debugging capabilities are
required
.
0 BDM cannot be made active (non-intrusive commands still allowed).
1 BDM can be made active to allow active background mode commands.
6
BDMACT
Background Mode Active Status — This is a read-only status bit
.
0 BDM not active (user application program running).
1 BDM active and waiting for serial commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com