Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA1J3CPC Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1J3CPC Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  SC9RS08KA1J3CPC Datasheet HTML 1Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 2Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 3Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 4Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 5Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 6Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 7Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 8Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 134 page
background image
8-Bit RS08 Central Processor Unit (CPU)
•
Simplified S08 instruction set with added
high-performance instructions
— LDA, STA, and CLR instructions
support the short addressing mode;
address $0000 to $001F can be
accessed via a single-byte instruction
— ADD, SUB, INC, and DEC instructions
support the tiny addressing mode;
address $0000 to $000F can be
accessed via a single-byte instruction
with reduced instruction cycle
— Shadow PC register instructions: SHA
and SLA
•
Pending interrupt indication
•
Index addressing via D[X] and X register
•
Direct page access to the entire memory
map through paging window
Memory
•
On-chip Flash EEPROM
— SC9RS08KA2: 2048 bytes
— SC9RS08KA1: 1024 bytes
•
63 bytes on-chip RAM
Power-Saving Modes
•
Wait and stop
•
Wakeup from power-saving modes using
real-time interrupt (RTI), KBI, or ACMP
Clock Source
•
ICS — Trimmable 20-MHz internal clock
source
— Up to 10-MHz internal bus operation
— 0.2% trimmable resolution, 2%
deviation over temperature and voltage
range
System Protection
•
Computer operating properly (COP) reset
running off bus-independent clock source
•
Low-voltage detection with reset or stop
wakeup
Peripherals
•
MTIM — 8-bit modulo timer
•
ACMP — Analog comparator
— Full rail-to-rail supply operation
— Option to compare to fixed internal
bandgap reference voltage
— Can operate in stop mode
•
KBI — Keyboard interrupt ports
— Three KBI ports in 6-pin package
— Five KBI ports in 8-pin package
Development Support
•
Background debug system
•
Breakpoint capability to allow single
breakpoint setting during in-circuit debug
Package Options
•
6-pin dual flat no lead (DFN) package
— Two general-purpose input/output (I/O)
pins
— One general-purpose input pin
— One general-purpose output pin
•
8-pin plastic dual in-line pin (PDIP)
package
— Four general-purpose input/output
(I/O) pins
— One general-purpose input pin
— One general-purpose output pin
•
8-pin narrow body SOIC package
— Four general-purpose input/output
(I/O) pins
— One general-purpose input pin
— One general-purpose output pin
SC9RS08KA2 Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com