Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA1J3CPC Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1J3CPC Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA1J3CPC Datasheet HTML 42Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 43Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 44Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 45Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 46Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 47Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 48Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 49Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 134 page
background image
Chapter 6 Parallel Input/Output Control
SC9RS08KA2 Series Data Sheet, Rev. 1
46
Freescale Semiconductor
When a shared digital function is enabled for a pin, the output buffer is controlled by the shared function.
However, the data direction register bit will continue to control the source for reads of the port data register.
When a shared analog function is enabled for a pin, both the input and output buffers are disabled. A value
of 0 is read for any port data bit where the bit is an input (PTADDn = 0) and the input buffer is disabled.
In general, whenever a pin is shared with both an alternative digital function and an analog function, the
analog function has priority such that if both the digital and analog functions are enabled, the analog
function controls the pin.
It is a good programming practice to write to the port data register before changing the direction of a port
pin to become an output. This ensures that the pin will not be driven temporarily with an old data value
that happened to be in the port data register.
Associated with the parallel I/O ports is a set of registers located in the high page register space that operate
independently of the parallel I/O registers. These registers are used to control pullup/pulldown and slew
rate for the pins. See Section 6.3, “Pin Control Registers” for more information.
6.1
Pin Behavior in Low-Power Modes
In wait and stop modes, all pin states are maintained because internal logic stays powered up. Upon
recovery, all pin functions are the same as before entering stop.
6.2
Parallel I/O Registers
This section provides information about the registers associated with the parallel I/O ports. The parallel
I/O registers are located within the $001F memory boundary of the memory map, so that short and direct
addressing mode instructions can be used.
Refer to tables in Chapter 4, “Memory,” for the absolute address assignments for all parallel I/O. This
section refers to registers and control bits only by their names. A Freescale Semiconductor-provided
equate or header file normally is used to translate these names into the appropriate absolute addresses.
6.2.1
Port A Registers
Port A parallel I/O function is controlled by the data and data direction registers described in this section.
76
54
321
0
R
00
PTAD5
PTAD4
PTAD3
PTAD2
PTAD1
PTAD0
W
Reset:
000
00
000
Figure 6-2. Port A Data Register (PTAD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com