Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA1J3CPC Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1J3CPC Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA1J3CPC Datasheet HTML 89Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 90Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 91Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 92Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 93Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 94Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 95Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 96Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 134 page
background image
Modulo Timer (RS08MTIMV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
93
11.3.2
MTIM Clock Configuration Register (MTIMCLK)
MTIMCLK contains the clock select bits (CLKS) and the prescaler select bits (PS).
11.3.3
MTIM Counter Register (MTIMCNT)
MTIMCNT is the read-only value of the current MTIM count of the 8-bit counter.
7
6
5
432
1
0
R
0
0
CLKS
PS
W
Reset:
0
0
0
0
0
0
0
0
Figure 11-4. MTIM Clock Configuration Register (MTIMCLK)
Table 11-4. MTIMCLK Field Description
Field
Description
5:4
CLKS
Clock Source Select — These two read/write bits select one of four different clock sources as the input to the
MTIM prescaler. Changing the clock source while the counter is active does not clear the counter. The count
continues with the new clock source. Reset clears CLKS to 00.
00
Encoding 0 — Bus clock (BUSCLK).
01
Encoding 1 — Fixed-frequency clock (XCLK).
10
Encoding 3 — External source (TCLK pin), falling edge.
11
Encoding 4 — External source (TCLK pin), rising edge.
3:0
PS
Clock Source Prescaler — These four read/write bits select one of nine outputs from the 8-bit prescaler.
Changing the prescaler value while the counter is active does not clear the counter. The count continues with the
new prescaler value. Reset clears PS to 0000.
0000 Encoding 0 — MTIM clock source
÷ 1.
0001 Encoding 1 — MTIM clock source
÷ 2.
0010 Encoding 2 — MTIM clock source
÷ 4.
0011 Encoding 3 — MTIM clock source
÷ 8.
0100 Encoding 4 — MTIM clock source
÷ 16.
0101 Encoding 5 — MTIM clock source
÷ 32.
0110 Encoding 6 — MTIM clock source
÷ 64.
0111 Encoding 7 — MTIM clock source
÷ 128.
1000 Encoding 8 — MTIM clock source
÷ 256.
All other encodings default to MTIM clock source
÷ 256.
7
6
5
432
1
0
R
COUNT
W
Reset:
0
0
0
0
0
0
0
0
Figure 11-5. MTIM Counter Register (MTIMCNT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com