Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA1J3CPC Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1J3CPC Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA1J3CPC Datasheet HTML 48Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 49Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 50Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 51Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 52Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 53Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 54Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 55Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 134 page
background image
Chapter 7 Keyboard Interrupt (RS08KBIV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
52
Freescale Semiconductor
7.1.2
Modes of Operation
This section defines the KBI operation in wait, stop, and background debug modes.
7.1.2.1
Operation in Wait Mode
The KBI continues to operate in wait mode if enabled before executing the WAIT instruction. Therefore,
an enabled KBI pin (KBPEn = 1) can be used to bring the MCU out of wait mode if the KBI interrupt is
enabled (KBIE = 1).
7.1.2.2
Operation in Stop Mode
The KBI operates asynchronously in stop mode if enabled before executing the STOP instruction.
Therefore, an enabled KBI pin (KBPEn = 1) can be used to bring the MCU out of stop mode if the KBI
interrupt is enabled (KBIE = 1).
7.1.2.3
Operation in Active Background Mode
When the microcontroller is in active background mode, the KBI will continue to operate normally.
7.1.3
Block Diagram
The block diagram for the keyboard interrupt module is shown Figure 7-2.
Figure 7-2. Keyboard Interrupt (KBI) Block Diagram
7.2
External Signal Description
The KBI input pins can be used to detect either falling edges, or both falling edge and low level interrupt
requests. The KBI input pins can also be used to detect either rising edges, or both rising edge and high
level interrupt requests.
The signal properties of KBI are shown in Table 7-1.
Table 7-1. Signal Properties
Signal
Function
I/O
KBIPn
Keyboard interrupt pins
I
DQ
CK
CLR
VDD
KBMOD
KBIE
KEYBOARD
INTERRUPT FF
KBACK
RESET
SYNCHRONIZER
KBF
STOP BYPASS
STOP
BUSCLK
KBIPEn
0
1
S
KBEDGn
KBIPE0
0
1
S
KBEDG0
KBI
P0
KBI
Pn
KBI
INTERRUPT
REQUEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com