Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA1J3CPC Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1J3CPC Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA1J3CPC Datasheet HTML 82Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 83Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 84Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 85Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 86Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 87Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 88Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 89Page - Freescale Semiconductor, Inc SC9RS08KA1J3CPC Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 134 page
background image
Analog Comparator (RS08ACMPV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
86
Freescale Semiconductor
10.2
External Signal Description
The ACMP has two analog input pins, ACMP+ and ACMP–, and one digital output pin, ACMPO. Each
of the input pins can accept an input voltage that varies across the full operating voltage range of the MCU.
As shown in Figure 10-2, the ACMP– pin is connected to the inverting input of the comparator, and the
ACMP+ pin is connected to the non-inverting input of the comparator if ACBGS=0. As shown in
Figure 10-2, the ACMPO pin can be enabled to drive an external pin.
The signal properties of ACMP are shown in Table 10-1.
10.3
Register Definition
The ACMP includes one register:
•
An 8-bit status and control register
Refer to the direct-page register summary in the memory chapter of this data sheet for the absolute address
assignments for all ACMP registers.
10.3.1
ACMP Status and Control Register (ACMPSC)
ACMPSC contains the status flag and control bits which are used to enable and configure the ACMP.
Table 10-1. Signal Properties
Signal
Function
I/O
ACMP-
Inverting analog input to the ACMP
(Minus input)
I
ACMP+
Non-inverting analog input to the ACMP
(Positive input)
I
ACMPO
Digital output of the ACMP
O
765
43
210
R
ACME
ACBGS
ACF
ACIE
ACO
ACOPE
ACMOD
W
Reset:
00
00
000
0
= Unimplemented
Figure 10-3. ACMP Status and Control Register (ACMPSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com