Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX35 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
24
Table 14 shows the DC electrical characteristics for GPIO, DDR2, mobile DDR, and SDRAM pins. The
term NVCC refers to the power supply voltage that feeds the I/O of the module in question. For example,
NVCC for the SD/MMC interface refers to NVCC_SDIO.
Table 14. I/O Pin DC Electrical Characteristics
Pin
DC Electrical
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
GPIO
High-level output voltage
Voh
Ioh = –1 mA
Ioh = specified drive
NVCC – 0.15
0.8
× NVCC
——
V
Low-level output voltage
Vol
Iol = 1 mA
Iol = specified drive
——
0.15
0.2
× NVCC
V
High-level output current
for slow mode
(Voh = 0.8
× NVCC)
Ioh
Standard drive
High drive
Max. drive
–2.0
–4.0
–8.0
——
mA
High-level output current
for fast mode
(Voh = 0.8
× NVCC)
Ioh
Standard drive
High drive
Max. drive
–4.0
–6.0
–8.0
——
mA
Low-level output current
for slow mode
(Voh = 0.2
× NVCC)
Iol
Standard drive
High drive
Max. drive
2.0
4.0
8.0
——
mA
Low-level output current
for fast mode
(Voh = 0.2
× NVCC)
Iol
Standard drive
High drive
Max. drive
4.0
6.0
8.0
——
mA
High-level DC Input
Voltage with 1.8 V,
3.3 V NVCC (for digital
cells in input mode)
VIH
—
0.7
× NVCC
—
NVCC
V
Low-level DC Input
Voltage with 1.8 V,
3.3 V NVCC (for digital
cells in input mode
VIL
—
–0.3 V
—
0.3
× NVCC
V
Input Hysteresis
VHYS
OVDD = 3.3 V
OVDD = 1.8 V
370
290
—420
320
mV
Schmitt trigger VT+
VT+
—
0.5
× NVCC
—
V
Schmitt trigger VT–
VT–
—
—
—
0.5
× NVCC
V
Pull-up resistor
(22 K
Ω PU)
Rpu
Vi = 0
—
22
—
K
Ω
Pull-up resistor
(47 K
Ω PU)
Rpu
Vi = 0
—
47
—
K
Ω
Pull-up resistor
(100 K
Ω PU)
Rpu
Vi = 0
—
100
—
K
Ω
Pull-down resistor
(100 K
Ω PD)
Rpd
Vi = NVCC
—
100
—
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com