Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX35 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 32Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 33Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 34Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 35Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 36Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
33
Figure 7 and Figure 8 depict the master mode and slave mode timings of the CSPI, and Table 26 lists the
timing parameters.
Figure 7. CSPI Master Mode Timing Diagram
Figure 8. CSPI Slave Mode Timing Diagram
Table 26. CSPI Interface Timing Parameters
ID
Parameter
Symbol
Min.
Max.
Units
CS1
SCLK cycle time
tclk
60
—
ns
CS2
SCLK high or low time
tSW
30
—
ns
CS3
SCLK rise or fall
tRISE/FALL
—7.6
ns
CS4
SS
n[3:0] pulse width
tCSLH
30
—
ns
CS5
SS
n[3:0] lead time (CS setup time)
tSCS
30
—
ns
CS6
SS
n[3:0] lag time (CS hold time)
tHCS
30
—
ns
CS7
MOSI setup time
tSmosi
5—
ns
CS8
MOSI hold time
tHmosi
5—
ns
CS9
MISO setup time
tSmiso
5—
ns
CS1
CS7 CS8
CS2
CS2
CS4
CS6
CS5
CS9
CS10
SCLK
SS
n[3:0]
MOSI
MISO
SPI_RDY
CS11
CS3
CS3
CS7
CS8
CS2
CS2
CS4
CS6
CS9
CS10
SCLK
SS
n[3:0]
MISO
MOSI
CS1
CS3
CS3
CS5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com