Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX35 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 60Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 61Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 62Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 63Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 64Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
64
4.9.8
Fast Ethernet Controller (FEC) AC Electrical Specifications
This section describes the electrical information of the FEC module. The FEC is designed to support both
10- and 100-Mbps Ethernet networks. An external transceiver interface and transceiver function are
required to complete the interface to the media. The FEC supports the 10/100 Mbps Media Independent
Interface (MII) using a total of 18 pins. The 10-Mbps 7-wire interface that is restricted to a 10-Mbps data
rate uses seven of the MII pins for connection to an external Ethernet transceiver.
4.9.8.1
FEC AC Timing
This section describes the AC timing specifications of the FEC. The MII signals are compatible with
transceivers operating at a voltage of 3.3 V.
4.9.8.2
MII Receive Signal Timing
The MII receive timing signals consist of FEC_RXD[3:0], FEC_RX_DV, FEC_RX_ER, and
FEC_RX_CLK. The receiver functions correctly up to a FEC_RX_CLK maximum frequency of
25 MHz + 1%. There is no minimum frequency requirement. Additionally, the processor clock frequency
must exceed twice the FEC_RX_CLK frequency. Table 45 lists MII receive channel timings.
1 FEC_RX_DV, FEC_RX_CLK, and FEC_RXD0 have the same timing when in 10 Mbps 7-wire interface mode.
Figure 40 shows the MII receive signal timings listed in Table 45.
Figure 40. MII Receive Signal Timing Diagram
Table 45. MII Receive Signal Timing
Num.
Characteristic1
Min.
Max.
Unit
M1
FEC_RXD[3:0], FEC_RX_DV, FEC_RX_ER to FEC_RX_CLK setup
5
—
ns
M2
FEC_RX_CLK to FEC_RXD[3:0], FEC_RX_DV, FEC_RX_ER hold
5
—
ns
M3
FEC_RX_CLK pulse width high
35%
65%
FEC_RX_CLK period
M4
FEC_RX_CLK pulse width low
35%
65%
FEC_RX_CLK period
FEC_RX_CLK (input)
FEC_RXD[3:0] (inputs)
FEC_RX_DV
FEC_RX_ER
M3
M4
M1
M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com