Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX35 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 52Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 53Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 54Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 55Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 56Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 57Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 58Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 59Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
56
Table 39. DDR Single-ended Slew Rate
NOTE
SDR SDRAM CLK parameters are measured from the 50% point—that is,
“high” is defined as 50% of signal value and “low” is defined as 50% of
signal value. DDR SDRAM CLK parameters are measured at the crossing
point of SDCLK and SDCLK (inverted clock).
Test conditions are: Capacitance 15 pF for DDR PADS. Recommended
drive strength is Medium for SDCLK and High for Address and controls.
Figure 34. DDR2 SDRAM DQ vs. DQS and SDCLK READ Cycle Timing Diagram
SDCLK
SDCLK_B
DQS (input)
DQ (input)
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DDR26
DDR24
DDR25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com