Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX35 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 71Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 72Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 73Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 74Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 75Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 76Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 77Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
74
Figure 51 depicts the synchronous display interface timing for access level, and Table 53 lists the timing
parameters. The DISP3_IF_CLK_DOWN_WR and DISP3_IF_CLK_UP_WR parameters are set via the
DI_DISP3_TIME_CONF Register.
Figure 51. Synchronous Display Interface Timing Diagram—Access Level
IP9
Horizontal blank interval 1
Thbi1
BGXP
× Tdpcp
ns
IP10
Horizontal blank interval 2
Thbi2
(SCREEN_WIDTH – BGXP – FW)
× Tdpcp
ns
IP11
HSYNC delay
Thsd
H_SYNC_DELAY
× Tdpcp
ns
IP12
Screen height
Tsh
(SCREEN_HEIGHT + 1)
× Tsw
ns
IP13
VSYNC width
Tvsw
if V_SYNC_WIDTH_L = 0 than
(V_SYNC_WIDTH + 1)
× Tdpcp
else
(V_SYNC_WIDTH + 1)
× Tsw
ns
IP14
Vertical blank interval 1
Tvbi1
BGYP
× Tsw
ns
IP15
Vertical blank interval 2
Tvbi2
(SCREEN_HEIGHT – BGYP – FH)
× Tsw
ns
1 Display interface clock period immediate value
Display interface clock period average value.
Table 52. Synchronous Display Interface Timing Parameters—Pixel Level (continued)
ID
Parameter
Symbol
Value
Units
Tdicp
T
HSP_CLK
DISP3_IF_CLK_PER_WR
HSP_CLK_PERIOD
------------------------------------------------------------------
⋅
=
IP19
DISPB_D3_CLK
DISPB_DATA
IP18
IP20
DISPB_D3_VSYNC
IP17
IP16
DISPB_D3_DRDY
DISPB_D3_HSYNC
other controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com