Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM9G45-CU Datasheet(PDF) 71 Page - ATMEL Corporation

Part # AT91SAM9G45-CU
Description  AT91 ARM Thumb-based Microcontrollers
PDF  1159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G45-CU Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button AT91SAM9G45-CU Datasheet HTML 67Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 68Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 69Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 70Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 71Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 72Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 73Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 74Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 1159 page
background image
71
6438D–ATARM–13-Oct-09
AT91SAM9G45
12. Reset Controller (RSTC)
12.1
Description
The Reset Controller (RSTC), based on power-on reset cells, handles all the resets of the sys-
tem without any external components. It reports which reset occurred last.
The Reset Controller also drives independently or simultaneously the external reset and the
peripheral and processor resets.
12.2
Embedded Characteristics
The Reset Controller is based on two Power-on-Reset cells, one on VDDBU and one on
VDDCORE.
The Reset Controller is capable to return to the software the source of the last reset, either a
general reset (VDDBU rising), a wake-up reset (VDDCORE rising), a software reset, a user
reset or a watchdog reset.
The Reset Controller controls the internal resets of the system and the NRST pin. The NRST pin
is bidirectional. It is handled by the on-chip reset controller and can be driven low to provide a
reset signal to the external components or asserted low externally to reset the microcontroller. It
will reset the Core and the peripherals except the Backup region. There is no constraint on the
length of the reset pulse and the reset controller can guarantee a minimum pulse length.
The NRST pin integrates a permanent pull-up resistor to VDDIOP0 of about 100 kOhms.
The configuration of the Reset Controller is saved as supplied on VDDBU.
12.3
Block Diagram
Figure 12-1. Reset Controller Block Diagram
NRST
Startup
Counter
proc_nreset
wd_fault
periph_nreset
backup_neset
SLCK
Reset
State
Manager
Reset Controller
rstc_irq
NRST
Manager
exter_nreset
nrst_out
Main Supply
POR
WDRPROC
user_reset
Backup Supply
POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com