Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM9G45-CU Datasheet(PDF) 89 Page - ATMEL Corporation

Part # AT91SAM9G45-CU
Description  AT91 ARM Thumb-based Microcontrollers
PDF  1159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G45-CU Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button AT91SAM9G45-CU Datasheet HTML 85Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 86Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 87Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 88Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 89Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 90Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 91Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 92Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 1159 page
background image
89
6438D–ATARM–13-Oct-09
AT91SAM9G45
13.5.1
Real-time Timer Mode Register
Register Name:
RTT_MR
Address:
0xFFFFFD20
Access Type:
Read/Write
• RTPRES: Real-time Timer Prescaler Value
Defines the number of SLCK periods required to increment the Real-time timer. RTPRES is defined as follows:
RTPRES = 0: The prescaler period is equal to 216.
RTPRES
≠ 0: The prescaler period is equal to RTPRES.
• ALMIEN: Alarm Interrupt Enable
0 = The bit ALMS in RTT_SR has no effect on interrupt.
1 = The bit ALMS in RTT_SR asserts interrupt.
• RTTINCIEN: Real-time Timer Increment Interrupt Enable
0 = The bit RTTINC in RTT_SR has no effect on interrupt.
1 = The bit RTTINC in RTT_SR asserts interrupt.
• RTTRST: Real-time Timer Restart
1 = Reloads and restarts the clock divider with the new programmed value. This also resets the 32-bit counter.
31
30
29
28
27
26
25
24
––––––––
23
22
21
20
19
18
17
16
–––––
RTTRST
RTTINCIEN
ALMIEN
15
14
13
12
11
10
9
8
RTPRES
76543210
RTPRES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com