Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM9G45-CU Datasheet(PDF) 82 Page - ATMEL Corporation

Part # AT91SAM9G45-CU
Description  AT91 ARM Thumb-based Microcontrollers
PDF  1159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G45-CU Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button AT91SAM9G45-CU Datasheet HTML 78Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 79Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 80Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 81Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 82Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 83Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 84Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 85Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 1159 page
background image
82
6438D–ATARM–13-Oct-09
AT91SAM9G45
12.5.2
Reset Controller Status Register
Name:
RSTC_SR
Address:
0xFFFFFD04
Access Type:
Read-only
• URSTS: User Reset Status
0 = No high-to-low edge on NRST happened since the last read of RSTC_SR.
1 = At least one high-to-low transition of NRST has been detected since the last read of RSTC_SR.
• RSTTYP: Reset Type
Reports the cause of the last processor reset. Reading this RSTC_SR does not reset this field.
• NRSTL: NRST Pin Level
Registers the NRST Pin Level at Master Clock (MCK).
• SRCMP: Software Reset Command in Progress
0 = No software command is being performed by the reset controller. The reset controller is ready for a software command.
1 = A software reset command is being performed by the reset controller. The reset controller is busy.
31
30
29
28
27
26
25
24
––––––––
23
22
21
20
19
18
17
16
––––––
SRCMP
NRSTL
15
14
13
12
11
10
9
8
–––––
RSTTYP
76543210
–––––––
URSTS
RSTTYP
Reset Type
Comments
0
0
0
General Reset
Both VDDCORE and VDDBU rising
0
0
1
Wake Up Reset
VDDCORE rising
0
1
0
Watchdog Reset
Watchdog fault occurred
0
1
1
Software Reset
Processor reset required by the software
1
0
0
User Reset
NRST pin detected low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com