Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM9G45-CU Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT91SAM9G45-CU
Description  AT91 ARM Thumb-based Microcontrollers
PDF  1159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G45-CU Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT91SAM9G45-CU Datasheet HTML 12Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 13Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 14Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 15Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 16Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 17Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 18Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 19Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 1159 page
background image
16
6438D–ATARM–13-Oct-09
AT91SAM9G45
6.1
Memory Mapping
A first level of address decoding is performed by the AHB Bus Matrix, i.e., the implementation of
the Advanced High performance Bus (AHB) for its Master and Slave interfaces with additional
features.
Decoding breaks up the 4 Gbytes of address space into 16 banks of 256 Mbytes. The banks 1 to
6 are directed to the EBI that associates these banks to the external chip selects NCS0 to
NCS5.
The bank 7 is directed to the DDRSDRC0 that associates this bank to DDR_NCS chip select
and so dedicated to the 4-port DDR2/ LPDDR controller.
The bank 0 is reserved for the addressing of the internal memories, and a second level of
decoding provides 1 Mbyte of internal memory area. The bank 15 is reserved for the peripherals
and provides access to the Advanced Peripheral Bus (APB).
Other areas are unused and performing an access within them provides an abort to the master
requesting such an access.
6.2
Embedded Memories
6.2.1
Internal SRAM
The AT91SAM9G45 product embeds a total of 64 Kbytes high-speed SRAM split in 4 blocks of
16 KBytes connected to one slave of the matrix. After reset and until the Remap Command is
performed, the four SRAM blocks are contiguous and only accessible at address 0x00300000.
After Remap, the SRAM also becomes available at address 0x0.
Figure 6-2.
Internal SRAM Reset
The AT91SAM9G45 device embeds two memory features. The processor Tightly Coupled Mem-
ory Interface (TCM) that allows the processor to access the memory up to processor speed
(PCK) and the interface on the AHB side allowing masters to access the memory at AHB speed
(MCK).
A wait state is necessary to access the TCM at 400 MHz. Setting the bit NWS_TCM in the bus
Matrix TCM Configuration Register of the matrix inserts a wait state on the ITCM and DTCM
accesses.
RAM
64K
0x00300000
RAM
64K
0x00000000
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com