Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T108 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # T108
Description  Video Display Controller
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T108 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  T108 Datasheet HTML 1Page - List of Unclassifed Manufacturers T108 Datasheet HTML 2Page - List of Unclassifed Manufacturers T108 Datasheet HTML 3Page - List of Unclassifed Manufacturers T108 Datasheet HTML 4Page - List of Unclassifed Manufacturers T108 Datasheet HTML 5Page - List of Unclassifed Manufacturers T108 Datasheet HTML 6Page - List of Unclassifed Manufacturers T108 Datasheet HTML 7Page - List of Unclassifed Manufacturers T108 Datasheet HTML 8Page - List of Unclassifed Manufacturers T108 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
T108 Release
Copyright by Terawins, Inc.
3
1 Introduction
1.1 Features
Cost Effective Highly Integrated Triple ADC +
ITU656/601 Decoder + Digital RGB + 2D Video
Decoder + OSD + Scaler + TCON + DAC + DC-
to-DC + LED/CCFL controls
-
Integrates 10-bit Triple Analog to Digital
Converters (ADC) & Phase Locked Loop
(PLL), for supporting CVBS, S-Video, YPbPr
and RGB inputs
-
Scaler supports 2-D adaptive intra-field de-
interlacer and non-linear 16:9 aspect ration.
-
Requires no external Frame Buffer Memory
for de-interlace.
-
ITU656/601_8/L601_16 Decoder with digital
input ports for standard ITU656/601 input
data.
-
Support digital RGB565 inputs
-
Advanced On Screen Display (OSD) function
-
Programmable Timing Controller (Tcon) for
Car TV applications
-
Multi-standard color decoder with 2D
adaptive comb filter
-
Innovative and flexible design to reduce total
system cost
Triple 10-bits ADCs
-
80MSPS Conversion Rate ADC
-
Built-in Pre-amp, mid-level & ground clamp
-
Automatic Clamp Control for CVBS, Y and C
-
Programmable Static Gain Control or
Automatic Gain Control for CVBS or Y/C
-
Max Input configuration up to 9xCVBS, 3xS-
video+3xCVBS, 3YPbPr
-
Build-in Line-Lock PLL for RGB and YPbPr
-
Phases Tracking and Boundary for adjusting
input quality.
Digital Video Enhancement
-
Separate Luminance and Chroma Enhancer
-
Y Supports Luminance Black Level
Extension., Contrast and Brightness
adjustment
-
C Supports DCTI, Saturation and Hue
adjustment.
FIR Based Advanced Scaling Engine
-
Coefficient based sharpness filters
-
Independent vertical and horizontal scaling
ratio
-
16:9 Non-linear Aspect ratio
LCD Interface
-
Provides 256-entry TBL Gamma correction
for panel compensation
-
Supports image pan functions
-
Programmable Timing Controller
-
Built-in software adjustable VCOM voltage
-
RGB Triple DAC output
-
Integrated high efficiency DC-DC power
conversion unit for gate and source drivers
reduces energy consumption
-
Integrated TFT-LCD backlight inverter drive
unit supports CCFL/LED typed backlight
-
Software adjustable lamp dimming
Built-in On Screen Display Engine
-
8K-word OSD1 memory
-
Supports text or bitmap modes
-
Supports character blinking and overlay
functions
-
Fully programmable character mapping
-
Supports alpha blending & Zoom-in/Zoom-
out function
-
Built-in 114+ fonts (18x12, 24x16 each)
-
Optional fonts stored in off-chip serial ROM
-
Optional Pattern-Filled background
Crystal Oscillator Circuit
-
Direct interface to a (27.0MHz or other
frequency) Crystal
-
Also provide a buffered clock output for
external Micro-controller
Digital Test Pattern Generator
-
Programmable standard & special panel
burn-in test patterns
-
Support special border frame blocking mode
Independent Display Phase Lock Loop
-
Generates pixel clock output to panel
-
Supports free run OSD mode
Serial Bus Interface
-
Supports 2-wire I
2C (Slave/Master)
Pulse Width Modulation Outputs
Design For Testability
-
Scan chain insertion
-
Separated analog & digital test modes
Power Supply: +1.8V, +3.3V and +5V
Package: 100 pin LQFP
《液 晶 之 家》 www.fpdclub.net



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com