Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T108 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # T108
Description  Video Display Controller
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T108 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button T108 Datasheet HTML 37Page - List of Unclassifed Manufacturers T108 Datasheet HTML 38Page - List of Unclassifed Manufacturers T108 Datasheet HTML 39Page - List of Unclassifed Manufacturers T108 Datasheet HTML 40Page - List of Unclassifed Manufacturers T108 Datasheet HTML 41Page - List of Unclassifed Manufacturers T108 Datasheet HTML 42Page - List of Unclassifed Manufacturers T108 Datasheet HTML 43Page - List of Unclassifed Manufacturers T108 Datasheet HTML 44Page - List of Unclassifed Manufacturers T108 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 89 page
background image
T108 Release
Copyright by Terawins, Inc.
41
3.1.18
VCO & Charge Pump Register
Address Offset:
17h
Access:
Read/Write
Default Value:
48h
Size:
8 bits
Bit
Access
Symbol
Description
[7:6]
R/W
ADC_VCO
[5:3]
R/W
ADC_ChargePump
[2]
R/W
AutoClampV_B
Reserved for testing
[1]
R/W
AutoClampV_G
Reserved for testing
[0]
R/W
AutoClampV_R
Reserved for testing
3.1.19
Analog Source MUX Selection
Address Offset:
18h
Access:
Read/Write
Default Value:
00h
Size:
8 bits
Bit
Access
Symbol
Description
[7:6]
RO
Reserved
[5:4]
R/W
AI2SEL (B)
Analog mux selection for ADC channel 2
00: ACB1
01: ACB0
1x: ACB2
[3:2]
R/W
AI1SEL (G)
Analog mux selection for ADC channel 1
00: AY1
01: AY0
1x: AY2
[1:0]
R/W
AI0SEL (R)
Analog mux selection for ADC channel 0
00: ACR1
01: ACR0
1x: ACR2
3.1.20
Y/Cb/Cr Data Switching Control
Address Offset:
19h
Access:
Read/Write
Default Value:
07h
Size:
8 bits
Bit
Access
Symbol
Description
[7:6]
RO
Reserved
[5:4]
R/W
CBINSEL
The digitaized CB or B data can be taken from one of 3 ADCs:
00: ADC Ch0
01: ADC Ch1
1X: ADC Ch2
[3:2]
R/W
YINSEL
The digitaized Y or Composite or G data can be taken from one of 3
ADCs:
00: ADC Ch0
01: ADC Ch1
1X: ADC Ch2
[1:0]
R/W
CRINSEL
The digitaized CR or Chroma or R data can be taken from one of 3
ADCs:
00: ADC Ch0
01: ADC Ch1
1X: ADC Ch2
《液 晶 之 家》 www.fpdclub.net



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com