Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 405 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 405 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 401Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 402Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 403Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 404Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 405Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 406Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 407Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 408Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 409Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 416 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70591B-page 405
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
Section 9.0 “Oscillator Configuration” Removed Section 9.2 “FRC Tuning”.
Removed the PRCDEN, TSEQEN, and LPOSCEN bits from the Oscillator
Control Register (see Register 9-1).
Updated the Oscillator Tuning Register (see Register 9-4).
Removed the Oscillator Tuning Register 2 and the Linear Feedback Shift
Register.
Updated the default reset values from R/W-0 to R/W-1 for the SELACLK
and APSTSCLR<2:0> bits in the ACLKCON register (see Register 9-5).
Renamed the ROSIDL bit to ROSSLP in the REFOCON register (see
Register 9-6).
Section 10.0 “Power-Saving Features” Updated the last paragraph of Section 10.2.2 “Idle Mode” to clarify when
instruction execution begins.
Added Note 1 to the PMD1 register (see Register 10-1).
Section 11.0 “I/O Ports”
Changed the reference to digital-only pins to 5V tolerant pins in the
second paragraph of Section 11.2 “Open-Drain Configuration”.
Section 16.0 “High-Speed PWM”
Updated the High-Speed PWM Module Register Interconnect Diagram
(see Figure 16-2).
Updated the SYNCSRC<2:0> = 111, 101, and 100 definitions to
Reserved in the PTCON and STCON registers (see Register 16-1 and
Register 16-5).
Updated the PWM time base maximum value from 0xFFFB to 0xFFF8 in
the PTPER register (Register 16-3).
Updated the smallest pulse width value from 0x0008 to 0x0009 in Note 1
of the shaded note that follows the MDC register (see Register 16-10).
Updated the smallest pulse width value from 0x0008 to 0x0009 in Note 2
of the shaded note that follows the PDCx and SDCx registers (see
Register 16-12 and Register 16-13).
Added Note 2 and updated the FLTDAT<1:0> and CLDAT<1:0> bits,
changing the word ‘data’ to ‘state’ in the IOCONx register (see
Register 16-19).
Section 20.0 “Universal
Asynchronous Receiver Transmitter
(UART)”
Updated the two baud rate range features to: 10 Mbps to 38 bps at 40
MIPS.
Section 22.0 “High-Speed 10-bit
Analog-to-Digital Converter (ADC)”
Updated the TRGSRCx<4:0> = 01101 definition from Reserved to PWM
secondary special event trigger selected, and updated Note 1 in the
ADCP0-ADCP6 registers (see Register 22-6 through Register 22-12).
Section 24.0 “Special Features”
Updated the second paragraph and removed the fourth paragraph in
Section 24.1 “Configuration Bits”.
Updated the Device Configuration Register Map (see Table 24-1).
TABLE B-1:
MAJOR SECTION UPDATES (CONTINUED)
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com