Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 407 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 407 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 403Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 404Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 405Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 406Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 407Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 408Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 409Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 410Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 411Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 416 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70591B-page 407
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
INDEX
A
AC Characteristics ............................................................ 362
Internal RC Accuracy ................................................ 364
Load Conditions ........................................................ 362
Alternate Vector Table (AIVT)........................................... 123
Arithmetic Logic Unit (ALU)................................................. 41
Assembler
MPASM Assembler................................................... 350
B
Barrel Shifter ....................................................................... 45
Bit-Reversed Addressing .................................................. 103
Example .................................................................... 104
Implementation ......................................................... 103
Sequence Table (16-Entry)....................................... 104
Block Diagrams
16-bit Timer1 Module ................................................ 211
Comparator ............................................................... 329
Connections for On-Chip Voltage Regulator............. 336
Device Clock ............................................................. 191
DSP Engine ................................................................ 42
dsPIC33FJ32GS406/606/608/610 and
dsPIC33FJ64GS406/606/608/610...................... 20
dsPIC33FJ32GS406/606/608/610 and
dsPIC33FJ64GS406/606/608/610 CPU Core .... 36
ECAN Module ........................................................... 280
I2C............................................................................. 266
Input Capture ............................................................ 219
Oscillator System ...................................................... 188
Output Compare ....................................................... 221
PLL............................................................................ 191
Quadrature Encoder Interface .................................. 255
Reset System............................................................ 115
Shared Port Structure ............................................... 209
Simplified Conceptual High-Speed PWM ................. 226
SPI ............................................................................ 259
Timer2/3 (32-bit) ....................................................... 215
Type B Timer ............................................................ 213
Type C Timer ............................................................ 213
UART ........................................................................ 273
Watchdog Timer (WDT) ............................................ 338
Brown-out Reset (BOR) .................................................... 333
C
C Compilers
Hi-Tech C.................................................................. 350
MPLAB C .................................................................. 350
Clock Switching................................................................. 198
Enabling .................................................................... 198
Sequence.................................................................. 198
Code Examples
Erasing a Program Memory Page............................. 113
Initiating a Programming Sequence.......................... 114
Loading Write Buffers ............................................... 114
Port Write/Read ........................................................ 210
PWRSAV Instruction Syntax..................................... 199
Code Protection ........................................................ 333, 339
CodeGuard Security ......................................................... 333
Configuration Bits.............................................................. 333
Configuration Register Map .............................................. 333
Configuring Analog Port Pins............................................ 210
CPU
Control Registers ........................................................ 38
CPU Clocking System ...................................................... 189
PLL Configuration..................................................... 190
Selection................................................................... 189
Sources .................................................................... 189
Customer Change Notification Service............................. 413
Customer Notification Service .......................................... 413
Customer Support............................................................. 413
D
DAC .................................................................................. 330
Output Range ........................................................... 330
Data Accumulators and Adder/Subtracter .......................... 43
Data Space Write Saturation ...................................... 45
Overflow and Saturation ............................................. 43
Round Logic ............................................................... 44
Write Back .................................................................. 44
Data Address Space........................................................... 49
Alignment.................................................................... 49
Memory Map for dsPIC33FJ32GS406/606/608/610
Devices with 4 KB RAM...................................... 50
Memory Map for dsPIC33FJ64GS406/606/608/610
Devices with 8 KB RAM...................................... 51
Memory Map for dsPIC33FJ64GS406/606/608/610
Devices with 9 KB RAM...................................... 52
Near Data Space ........................................................ 49
Software Stack ......................................................... 100
Width .......................................................................... 49
DC Characteristics............................................................ 354
Doze Current (IDOZE)................................................ 358
I/O Pin Input Specifications ...................................... 359
I/O Pin Output Specifications.................................... 360
Idle Current (IIDLE) .................................................... 357
Operating Current (IDD) ............................................ 356
Power-Down Current (IPD)........................................ 358
Program Memory...................................................... 361
Temperature and Voltage Specifications.................. 355
Demonstration/Development Boards,
Evaluation Kits, and Starter Kits ............................... 352
Development Support ....................................................... 349
DMAC Registers ............................................................... 178
DMAxCNT ................................................................ 178
DMAxCON................................................................ 178
DMAxPAD ................................................................ 178
DMAxREQ ................................................................ 178
DMAxSTA................................................................. 178
DMAxSTB................................................................. 178
Doze Mode ....................................................................... 200
DSP Engine ........................................................................ 41
Multiplier ..................................................................... 43
E
ECAN Module
CiBUFPNT1 register................................................. 291
CiBUFPNT2 register................................................. 292
CiBUFPNT3 register................................................. 292
CiBUFPNT4 register................................................. 293
CiCFG1 register........................................................ 289
CiCFG2 register........................................................ 290
CiCTRL1 register...................................................... 282
CiCTRL2 register...................................................... 283
CiEC register ............................................................ 289
CiFCTRL register...................................................... 285
CiFEN1 register ........................................................ 291
CiFIFO register ......................................................... 286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com