Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HYMP31GP72CMP4-C4 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HYMP31GP72CMP4-C4
Description  240pin Registered DDR2 SDRAM DIMMs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP31GP72CMP4-C4 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HYMP31GP72CMP4-C4 Datasheet HTML 4Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 5Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 6Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 7Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 8Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 9Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 10Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 11Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Rev. 0.7 / Jun. 2009
8
1
240pin Registered DDR2 SDRAM DIMMs
FUNCTIONAL BLOCK DIAGRAM
2GB(256Mbx72): HYMP125[R,P]72CP4
RS0 -> CS: SDRAMs D0-D17
S0*
BA0-BA2***
A0-A15***
RAS
CAS
WE
CKE0
ODT1
RESET**
PCK7**
PCK7**
RBA-RBA2 -> BA0-BA2: SDRAMs D0-D17
RA0-RA15 -> A0-A15: SDRAMs D0-D17
RRAS -> RAS: SDRAMs D0-D17
RCAS -> CAS: SDRAMs D0-D17
RWE -> WE: SDRAMs D0-D17
RCKE0 -> CKE0: SDRAMs D0-D17
RODT0 -> ODT0: SDRAMs D0-D17
1:2
R
E
G
I
S
T
E
R
RST
Serial PD
WP A0 A1 A2
SA0 SA1 SA2
SCL
SDA
RS0
DQS0
DQ0
DQ1
DQ2
I/O 0
I/O 1
I/O 2
I/O 3
CS
D0
DM
DQS
DQS
DQS0
I/O 0
I/O 1
I/O 2
I/O 3
CS
D9
DM
DQS DQS
DQ3
DQS9
DQS9
DQ4
DQ5
DQ6
DQ7
VSS
DQS1
DQ8
DQ9
DQ10
I/O 0
I/O 1
I/O 2
I/O 3
CS
D1
DM
DQS
DQS
DQS1
I/O 0
I/O 1
I/O 2
I/O 3
CS
D10
DM
DQS DQS
DQ11
DQS9
DQS9
DQ12
DQ13
DQ14
DQ15
DQS2
DQ16
DQ17
DQ18
I/O 0
I/O 1
I/O 2
I/O 3
CS
D2
DM
DQS
DQS
DQS2
I/O 0
I/O 1
I/O 2
I/O 3
CS
D11
DM
DQS DQS
DQ19
DQS11
DQS11
DQ20
DQ21
DQ22
DQ23
DQS3
DQ24
DQ25
DQ26
I/O 0
I/O 1
I/O 2
I/O 3
CS
D3
DM
DQS
DQS
DQS3
I/O 0
I/O 1
I/O 2
I/O 3
CS
D12
DM
DQS DQS
DQ27
DQS12
DQS12
DQ28
DQ29
DQ30
DQ31
DQS4
DQ32
DQ33
DQ34
I/O 0
I/O 1
I/O 2
I/O 3
CS
D4
DM
DQS
DQS
DQS4
I/O 0
I/O 1
I/O 2
I/O 3
CS
D13
DM
DQS DQS
DQ35
DQS13
DQS13
DQ36
DQ37
DQ38
DQ39
DQS5
DQ40
DQ41
DQ42
I/O 0
I/O 1
I/O 2
I/O 3
CS
D5
DM
DQS
DQS
DQS5
I/O 0
I/O 1
I/O 2
I/O 3
CS
D14
DM
DQS DQS
DQ43
DQS14
DQS14
DQ44
DQ45
DQ46
DQ47
DQS6
DQ48
DQ49
DQ50
I/O 0
I/O 1
I/O 2
I/O 3
CS
D6
DM
DQS
DQS
DQS6
I/O 0
I/O 1
I/O 2
I/O 3
CS
D15
DM
DQS DQS
DQ51
DQS15
DQS15
DQ52
DQ53
DQ54
DQ55
DQS7
DQ56
DQ57
DQ58
I/O 0
I/O 1
I/O 2
I/O 3
CS
D7
DM
DQS
DQS
DQS7
I/O 0
I/O 1
I/O 2
I/O 3
CS
D16
DM
DQS DQS
DQ59
DQS16
DQS16
DQ60
DQ61
DQ62
DQ63
DQS8
CB0
CB1
CB2
I/O 0
I/O 1
I/O 2
I/O 3
CS
D8
DM
DQS
DQS
DQS8
I/O 0
I/O 1
I/O 2
I/O 3
CS
D17
DM
DQS DQS
CB3
DQS17
DQS17
CB4
CB5
CB6
CB7
Register A
PAR_IN
QERR
PAR_IN
Err_Out
100KΩ
C1
C0
PPO
VDD
Vss
Signals for Address and Command Parity Function
Register B
PAR_IN
QERR
C1
C0
PPO
VDD
VDD
The resistors on Par_In,A13,A14,A15,BA2 and the signal line of Err_Out refer to
the section:
“Register Options for Unused Address inputs”
D0–D17
D0–D17
VREF
SPD
VDD/VDDQ
VSS
D0–D17
VDDSPD
Note:
1. DQ-to-I/O wiring may be changed within a nibble.
2. Unless otherwise noted, resistor values are 22 Ohms ± 5%.
* S0 connects to DCS of Register A and CSR of Register B.
CSR of Register A and DCS of Register B connects to VDD.
** RESET, PCK7 and PCK7 connects to both Registers. Other signals connect
to one of two Registers.
*** A13-15, BA2 have the optional pull down resistors (100K ohms), which is
not indicated here.
PCK7 -> CK: Register
PCK7 -> CK: Register
PCK0-PCK6, PCK8, PCK9 -> CK: SDRAMs D0-D17
PCK0-PCK6, PCK8, PCK9 -> CK: SDRAMs D0-D17
P
L
L
CK0
CK0
RESET
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com