Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HYMP31GP72CMP4-C4 Datasheet(PDF) 24 Page - Hynix Semiconductor

Part # HYMP31GP72CMP4-C4
Description  240pin Registered DDR2 SDRAM DIMMs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP31GP72CMP4-C4 Datasheet(HTML) 24 Page - Hynix Semiconductor

Back Button HYMP31GP72CMP4-C4 Datasheet HTML 20Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 21Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 22Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 23Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 24Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 25Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 26Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 27Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 28Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Rev. 0.7 / Jun. 2009
25
1
240pin Registered DDR2 SDRAM DIMMs
(DDR2-667 & DDR2-800)
Parameter
Symbol
DDR2-667
DDR2-800
Unit
Note
min
max
min
max
DQ output access time from CK/CK
tAC
-450
+450
-400
+400
ps
DQS output access time from CK/CK
tDQSCK
-400
+400
-350
+350
ps
CK high-level width
tCH
0.45
0.55
0.45
0.55
tCK
CK low-level width
tCL
0.45
0.55
0.45
0.55
tCK
CK half period
tHP
min(tCL,
tCH)
-
min(tCL,
tCH)
-
ps
Clock cycle time, CL=x
tCK
3000
8000
2500
ps
DQ and DM input setup time
(differential strobe)
tDS
100
-
50
-
ps
1
DQ and DM input hold time
(differential strobe)
tDH
175
-
125
-
ps
1
Control & Address input pulse width for each input
tIPW
0.6
-
0.6
-
tCK
DQ and DM input pulse width for each input
tDIPW
0.35
-
0.35
-
tCK
Data-out high-impedance time from CK/CK
tHZ
-
tAC max
-
tAC max
ps
DQS low-impedance time from CK/CK
tLZ(DQS)
tAC min
tAC max
tAC min
tAC max
ps
DQ low-impedance time from CK/CK
tLZ(DQ)
2*tAC min
tAC max
2*tAC min
tAC max
ps
DQS-DQ skew for DQS and associated DQ signals
tDQSQ
-
240
-200
ps
DQ hold skew factor
tQHS
-
340
-300
ps
DQ/DQS output hold time from DQS
tQH
tHP - tQHS
-
tHP - tQHS
-
ps
First DQS latching transition to associated clock
edge
tDQSS
- 0.25
+ 0.25
- 0.25
+ 0.25
tCK
DQS input high pulse width
tDQSH
0.35
-
0.35
-
tCK
DQS input low pulse width
tDQSL
0.35
-
0.35
-
tCK
DQS falling edge to CK setup time
tDSS
0.2
-
0.2
-
tCK
DQS falling edge hold time from CK
tDSH
0.2
-
0.2
-
tCK
Mode register set command cycle time
tMRD
2
-
2
-
tCK
Write preamble
tWPRE
0.35
-
0.35
-
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
tCK
Auto-Refresh to Active/Auto-Refresh command
period
tRFC
127.5
-
127.5
-
ns
Row Active to Row Active Delay for 1KB page size
tRRD
7.5-7.5-
ns
Address and control input setup time
tIS
200
-175
-
ps
Address and control input hold time
tIH
275
-250
-
ps
Read preamble
tRPRE
0.9
1.1
0.9
1.1
tCK
Read postamble
tRPST
0.4
0.6
0.4
0.6
tCK
Activate to precharge command
tRAS
45
70000
45
70000
ns
Active to active command period for 1KB page size
products
tRRD
7.5
-7.5
-
ns
Row Active to Row Active Delay for 2KB page size
tRRD
10
-
10
-
ns
Four Active Window for 1KB page size products
tFAW
37.5
-
35
-
ns
Four Activate Window for 2KB page size
tFAW
50
-
50
-
ns
CAS to CAS command delay
tCCD
2
2
tCK
Write recovery time
tWR
15
-15
-
ns
Auto precharge write recovery + precharge time
tDAL
WR+tRP
-
WR+tRP
-
tCK
Internal write to read command delay
tWTR
7.5
-7.5
-
ns
Internal read to precharge command delay
tRTP
7.5
7.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com