Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HYMP31GP72CMP4-C4 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HYMP31GP72CMP4-C4
Description  240pin Registered DDR2 SDRAM DIMMs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP31GP72CMP4-C4 Datasheet(HTML) 1 Page - Hynix Semiconductor

  HYMP31GP72CMP4-C4 Datasheet HTML 1Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 2Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 3Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 4Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 5Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 6Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 7Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 8Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsibility for use of circuits described. No patent licenses are implied.
Rev. 0.7 / Jun. 2009
1
240pin Registered DDR2 SDRAM DIMMs based on 1Gb version C
This Hynix Registered Dual In-Line Memory Module (DIMM) series consists of 1Gb version C DDR2
SDRAMs in Fine Ball Grid Array (FBGA) packages on a 240pin glass-epoxy substrate. This Hynix 1Gb
version C based Registered DDR2 DIMM series provide a high performance 8 byte interface in 5.25" width
form factor of industry standard. It is suitable for easy interchange and addition.
FEATURES
ORDERING INFORMATION
Part Name
Density
Organization
# of
DRAMs
# of
ranks
Parity
Support
HYMP112P72CP8-C4/Y5/S6/S5
1GB
128Mx72
9
1
O
HYMP125P72CP8-C4/Y5/S6/S5
2GB
256Mx72
18
2
O
HYMP125P72CP4-C4/Y5/S6/S5
2GB
256Mx72
18
1
O
HYMP151P72CP8-C4/Y5/S6/S5
4GB
512Mx72
36
4
O
HYMP151P72CP4-C4/Y5/S6/S5
4GB
512Mx72
36
2
O
HYMP31GP72CMP4-C4/Y5
8GB
512Mx72
72
4
O
HYMP112R72CP8-E3/C4
1GB
128Mx72
9
1
X
HYMP125R72CP4-E3/C4
2GB
256Mx72
18
1
X
HYMP151R72CP4-E3/C4
4GB
512Mx72
36
2
X
•
JEDEC standard Double Data Rate2 Synchro-
nous DRAMs (DDR2 SDRAMs) with 1.8V +/-
0.1V Power Supply
•
All inputs and outputs are compatible with
SSTL_1.8 interface
•8 Bank architecture
•Posted CAS
•
Programmable CAS Latency 3, 4, 5, 6
•
OCD (Off-Chip Driver Impedance Adjustment)
•
ODT (On-Die Termination)
•
Fully differential clock operations (CK & CK)
•
Programmable Burst Length 4 / 8 with both
sequential and interleave mode
•
Auto refresh and self refresh supported
•
8192 refresh cycles / 64ms
•
Serial presence detect with EEPROM
•
DDR2 SDRAM Package: 60 ball(x4/x8)
•
133.35 x 30.00 mm form factor
•RoHS compliant


Similar Part No. - HYMP31GP72CMP4-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP31GF72CMP4D5-S5 HYNIX-HYMP31GF72CMP4D5-S5 Datasheet
3Mb / 32P
240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP31GF72CMP4D5-S6 HYNIX-HYMP31GF72CMP4D5-S6 Datasheet
3Mb / 32P
240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP31GF72CMP4D5-Y5 HYNIX-HYMP31GF72CMP4D5-Y5 Datasheet
3Mb / 32P
240pin Fully Buffered DDR2 SDRAM DIMMs
More results

Similar Description - HYMP31GP72CMP4-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
240pin DDR2 SDRAM Unbuffered DIMMs
HYMP112P72CP8L-C4 HYNIX-HYMP112P72CP8L-C4 Datasheet
781Kb / 27P
240pin DDR2 VLP Registered DIMMs
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112L72CP8D5-C4 HYNIX-HYMP112L72CP8D5-C4 Datasheet
621Kb / 26P
240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-Y5N3 HYNIX-HMP112F7EFR8C-Y5N3 Datasheet
1Mb / 32P
240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
240pin Registered DDR2 SDRAM DIMMs
HMP112V7EFR8C-C4 HYNIX-HMP112V7EFR8C-C4 Datasheet
552Kb / 24P
240pin DDR2 VLP Registered DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com