Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9148BPCZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9148BPCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9148BPCZ Datasheet HTML 30Page - Analog Devices AD9148BPCZ Datasheet HTML 31Page - Analog Devices AD9148BPCZ Datasheet HTML 32Page - Analog Devices AD9148BPCZ Datasheet HTML 33Page - Analog Devices AD9148BPCZ Datasheet HTML 34Page - Analog Devices AD9148BPCZ Datasheet HTML 35Page - Analog Devices AD9148BPCZ Datasheet HTML 36Page - Analog Devices AD9148BPCZ Datasheet HTML 37Page - Analog Devices AD9148BPCZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 34 of 73
Register Name
Addr
(Hex)
Bit
Name
Function
Default
IDAC FSC Adj
30
7:0
IDAC FSC Adj[7:0]
IDAC full-scale current adjustment (LSB part). IDAC FS Adj[9:0]
sets the full-scale current of the IDAC. The full-scale current
can be adjusted from 8.64 mA to 31.6 mA in step sizes of
approximately 22.5 μA.
F9
0x000 = 8.64 mA.
...
0x200 = 20.14 mA.
…
0x3FF = 31.66 mA.
Set DAC SPI select = 0 to configure DAC 1 path.
Set DAC SPI select = 1 to configure DAC 3 path.
IDAC Control
31
7
IDAC sleep
I DAC sleep mode (fast wake-up mode).
0
1:0
IDAC FSC Adj[9:8]
IDAC full-scale current adjustment (MSB part)
01
Set DAC SPI select = 0 to configure DAC 1 path.
Set DAC SPI select = 1 to configure DAC 3 path.
Aux IDAC Data
32
7:0
AUX IDAC Data[7:0]
Auxiliary IDAC data (LSB part). AUX IDAC Data[9:0] sets the
magnitude of the aux DAC current. The range is 0 mA to
2 mA, and the step size is 2 μA.
00
0x000 = 0.000 mA.
0x001 = 0x002 mA.
…
0x3FF = 2.046 mA.
Set DAC SPI select = 0 to configure DAC 1 path.
Set DAC SPI select = 1 to configure DAC 3 path.
Aux IDAC Control
33
7
AUX IDAC sign
Auxiliary IDAC output sign.
0
0 = positive, current is directed to the AUXx_P pin.
1 = negative, current is directed to the AUXx_N pin.
6
AUX IDAC
current direction
Auxiliary IDAC current direction.
0
0 = source.
1 = sink.
5
AUX IDAC
power down
Auxiliary IDAC power down.
0
1:0
AUX IDAC Data[9:8]
Auxiliary IDAC data (MSB part).
00
Set DAC SPI select = 0 to configure DAC 1 path.
Set DAC SPI select =1 to configure DAC 3 path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com