Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9148BPCZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD9148BPCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9148BPCZ Datasheet HTML 47Page - Analog Devices AD9148BPCZ Datasheet HTML 48Page - Analog Devices AD9148BPCZ Datasheet HTML 49Page - Analog Devices AD9148BPCZ Datasheet HTML 50Page - Analog Devices AD9148BPCZ Datasheet HTML 51Page - Analog Devices AD9148BPCZ Datasheet HTML 52Page - Analog Devices AD9148BPCZ Datasheet HTML 53Page - Analog Devices AD9148BPCZ Datasheet HTML 54Page - Analog Devices AD9148BPCZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 51 of 73
Table 17. Programmable Inverse Sinc Filter Coefficient Widths and Ranges
Coefficient
Width
Minimum
Maximum
c0 in-phase (real)
3
100b
011b
−4
3
c0 quadrature (imaginary)
3
0100b
011b
−4
3
c1 in-phase (real)
4
1000b
0111b
−8
7
c1 quadrature (imaginary)
4
1000b
0111b
−8
7
c2 in-phase (real)
5
10000b
01111b
−16
15
c2 quadrature (imaginary)
5
10000b
01111b
−16
15
c3 in-phase (real)
7
1000000b
0111111b
−64
63
c3 quadrature (imaginary)
7
1000000b
0111111b
−64
63
c4 in-phase (real)
10
1000000000b
0111111111b
−1024
1023
c4 quadrature (imaginary)
10
1000000000b
0111111111b
−1024
1023
The real and imaginary filters are implemented using the
structure described in Figure 61 and Figure 62.
INPUTn
OUTPUTn
z–1
z–1
z–1
z–1
z–1
z–1
z–1
z–1
z–1
+
c0REAL
c1REAL
c2REAL
c3REAL
c4REAL
c5REAL
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
Figure 61. Real Filter implementation
INPUTn
OUTPUTn
z–1
z–1
z–1
z–1
z–1
z–1
z–1
z–1
z–1
+
–
c0IMG
c1IMG
c2IMG
c3IMG
c4IMG
c5IMG
+
–
+
+
+
–
+
+
+
–
+
+
+
–
+
+
+
+
Figure 62. Imaginary Filter implementation
The AD9148 evaluation tools provide software that allow for
the processing of the filter coefficients based on the DAC
sampling frequency, the amount of interpolation used
(combination of HB1, HB2 and HB3), and the desired center
frequency. This center frequency is limited to
[−(fDAC/2, fDAC/2/INT); fDAC/2, fDAC/2/INT]
where
INT is the interpolation rate.
When there is no interpolation used, the real filter coefficients
can be fixed at (no imaginary coefficients):
C0 = 2
;
C8 = 2
C1 = −4
;
C7 = −4
C2 = 10
;
C6 = 10
C3 = −35
;
C5 = −35
C4 = 401
INTERPOLATION FILTERS
The transmit path contains three interpolation filters. Each of
the three interpolation filters provides a 2× increase in output
data rate. The filters can be cascaded to provide 2×, 4×, or 8×
interpolation ratios. Each of the half-band filter stages offers a
different combination of bandwidths and operating modes.
The bandwidth of the three half-band filters with respect to the
data rate at the filter input is as follows:
•
Bandwidth of HB1 = 0.8 × fIN1
•
Bandwidth of HB2 = 0.5 × fIN2
•
Bandwidth of HB3 = 0.4 × fIN3
The usable bandwidth is defined as the frequency over which
the filters have a pass-band ripple of less than ±0.001 dB and an
image rejection of greater than +85 dB. As is discussed in the
Half-Band Filter 1 (HB1) section, the image rejection usually sets
the usable bandwidth of the filter, not the pass-band flatness.
The half-band filters operate in several modes, providing
programmable pass-band center frequencies as well as signal
modulation. The HB1 filter has four modes of operation, and
the HB2 and HB3 filters each have eight modes of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com