Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9148BPCZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9148BPCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9148BPCZ Datasheet HTML 52Page - Analog Devices AD9148BPCZ Datasheet HTML 53Page - Analog Devices AD9148BPCZ Datasheet HTML 54Page - Analog Devices AD9148BPCZ Datasheet HTML 55Page - Analog Devices AD9148BPCZ Datasheet HTML 56Page - Analog Devices AD9148BPCZ Datasheet HTML 57Page - Analog Devices AD9148BPCZ Datasheet HTML 58Page - Analog Devices AD9148BPCZ Datasheet HTML 59Page - Analog Devices AD9148BPCZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 56 of 73
CLOCK GENERATION
DAC INPUT CLOCK CONFIGURATIONS
The AD9148 DAC sample clock (DACCLK) can be sourced
directly or by clock multiplying. Clock multiplying employs
the on-chip, phased-locked loop (PLL) that accepts a reference
clock (REFCLK_x) operating at a submultiple of the desired
DACCLK rate, most commonly the data input frequency.
The PLL then multiplies the reference clock up to the desired
DACCLK frequency, which can then be used to generate all the
internal clocks required by the DAC. The clock multiplier
provides a high quality clock that meets the performance
requirements of most applications. Using the on-chip clock
multiplier removes the burden of generating and distributing
the high speed DACCLK.
The second mode bypasses the clock multiplier circuitry and
allows DACCLK to be sourced directly through the CLK_x
pins. This mode enables the user to source a very high quality
clock directly to the DAC core. Sourcing the DACCLK directly
through the CLK_x pins may be necessary in demanding
applications that require the lowest possible DAC output noise,
particularly at higher output frequencies.
DRIVING THE CLK_x AND REFCLK_x INPUTS
The REFCLK_x and CLK_x differential inputs share similar
clock receiver input circuitry. Figure 1 shows a simplified circuit
diagram of the input, along with a recommended drive circuit.
The on-chip clock receiver has a differential input impedance of
about 10 kΩ. It is self-biased to a common-mode voltage of about
1.25 V. The recommended circuit for driving the input is a pair
of ac coupling capacitors and a differential 100 Ω termination.
The minimum input drive level to either of the clock inputs is
100 mV ppd. The optimal performance is achieved when the clock
input signal is between 500 mV ppd and 1.6 V ppd. Whether using
the on-chip clock multiplier or sourcing the DACCLK directly,
it is necessary that the input clock signal to the device has low
jitter and fast edge rates to optimize the DAC noise performance.
DIRECT CLOCKING
When a high quality, sample rate clock is connected to the AD9148,
it provides the lowest noise spectral density at the DAC outputs.
To select the differential CLK inputs as the source for the DAC
sampling clock, set the PLL enable bit to 0 (Register 0x0A, Bit 7).
By setting this bit to 0, it powers down the internal PLL clock
multiplier and selects the input from the CLK_x pins as the
source for the internal DACCLK.
The device also has duty-cycle correction circuitry and differential
input level correction circuitry. Enabling these circuits may provide
improved performance in some cases. The control bits for these
functions can be found in Register 0x08.
200Ω
200Ω
100Ω
5kΩ
5kΩ
1000pF
1000pF
1.25V
CLK_N/
REFCLK_N
CLK_P/
REFCLK_P
LVPECL
DRIVER
DAC
DAC
100Ω
5kΩ
5kΩ
1000pF
1000pF
1.25V
CLK_N/
REFCLK_N
CLK_P/
REFCLK_P
LVPECL
DRIVER
Figure 71. Clock Receiver Circuitry and Recommended Drive Circuitry using LVPECL (Left) and LVDS (Right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com