Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9148BPCZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9148BPCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9148BPCZ Datasheet HTML 43Page - Analog Devices AD9148BPCZ Datasheet HTML 44Page - Analog Devices AD9148BPCZ Datasheet HTML 45Page - Analog Devices AD9148BPCZ Datasheet HTML 46Page - Analog Devices AD9148BPCZ Datasheet HTML 47Page - Analog Devices AD9148BPCZ Datasheet HTML 48Page - Analog Devices AD9148BPCZ Datasheet HTML 49Page - Analog Devices AD9148BPCZ Datasheet HTML 50Page - Analog Devices AD9148BPCZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 47 of 73
Figure 55 shows the synchronization signal timing with 2×
interpolation, so that fDCI = ½ × fCLK. The SYNC input is shown
equal to the DCI rate. The maximum frequency at which the device
can be resynchronized in data rate mode can be expressed as
N
DATA
SYNC
f
f
2
=
for any positive integer, N.
Generally, for values of N equal to or greater than 3, the FIFO
rate synchronization mode is chosen.
FIFO Rate Mode Synchronization
The following procedure outlines the steps required to synchronize
multiple devices in FIFO rate mode. The procedure assumes
that the CLK and REFCLK/SYNC signals are applied to all of the
devices. Each individual device must follow the procedure.
The procedure for FIFO rate synchronization when directly
sourcing the DAC sampling clock follows:
1.
Configure for FIFO rate, periodic synchronization by writing
0x80 to the sync control register (Register 0x10). Additional
synchronization options are available and are described in
the Additional Synchronization Features section.
2.
Poll the sync locked bit (Bit 6, Register 0x12) to verify that
the device is back-end synchronized. A high level on this
bit indicates that the clocks are running with a constant
and known phase relative to the sync signal.
3.
Reset the FIFO by strobing the FRAME signal high for at
least the time interval needed to load complete data to the
four DACs. Resetting the FIFO ensures that the correct
data is being read from the FIFO of each of the devices
simultaneously. This completes the synchronization
procedure, and at this stage, all devices should be
synchronized.
To ensure that each of the DACs are updated with the correct
data on the same DACCLK edge, two timing relationships must
be met on each DAC. DCI (and data) must meet the setup and
hold times with respect to the rising edge of CLK, and REFCLK/
SYNC must also meet the setup and hold time with respect to
the rising edge of CLK. When resetting the FIFO, the FRAME
signal must be held high for at least the time interval needed to
load complete data to the four DACs (one DCI period for dual-
port mode, and two DCI periods for single-port or byte mode).
When these conditions are met, the outputs of the DACs will be
updated within tSKEW + tOUTDLY nanoseconds of each other. A
timing diagram that illustrates the timing requirements of the
input signals is shown in Figure 56.
CLK(1)
CLK(2)
SYNC(2)
FRAME(2)
DCI(2)
tSKEW
tH_SYNC
tSU_SYNC
Figure 56. Synchronization Signal Timing Requirements in FIFO Rate Mode,
2× Interpolation
Figure 56 shows the synchronization signal timing with 2×
interpolation, so that fDCI = ½ × fCLK. The SYNC input is shown
equal to the FIFO rate. The maximum frequency at which the
device can be resynchronized in FIFO rate mode can be expressed as
N
DATA
SYNC
f
f
2
8 ×
=
for any positive integer, N.
ADDITIONAL SYNCHRONIZATION FEATURES
The synchronization logic incorporates additional features that
provide means for querying the status of the synchronization
and for improving the robustness of the synchronization. For
more information on these features, see the Sync Status Bits
section and the Timing Optimization section.
Sync Status Bits
When the sync locked bit (Bit 6, Register 0x12) is set, it indicates
that the synchronization logic has reached alignment. This is
determined when the clock generation state machine phase is
constant. This takes between (11 + Averaging) × 64 and (11 +
Averaging) × 128 DACCLK cycles. This bit may optionally trigger
an IRQ, as described in the Interrupt Request Operation section.
When the sync lost bit (Bit 7, Register 0x12) is set, it indicates a
previously synchronized device has lost alignment. This bit is
latched and remains set until cleared by overwriting the register.
This bit may optionally trigger an IRQ as described in the
Interrupt Request Operation section.
The sync phase readback bits (Bits [7:0], Register 0x13) report
the current clock phase in 6.2 format. Bits[7:2] report which of
the 64 states (0 to 63) the clock is currently in. When averaging
is enabled, Bits[1:0] provide ¼ state accuracy (for 0, ¼, ½, and
¾). The lower two bits give an indication of timing margin
issues that may exist. If the sync sampling is error free, the
fractional clock state should be 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com