Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9148BPCZ Datasheet(PDF) 54 Page - Analog Devices

Part # AD9148BPCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZ Datasheet(HTML) 54 Page - Analog Devices

Back Button AD9148BPCZ Datasheet HTML 50Page - Analog Devices AD9148BPCZ Datasheet HTML 51Page - Analog Devices AD9148BPCZ Datasheet HTML 52Page - Analog Devices AD9148BPCZ Datasheet HTML 53Page - Analog Devices AD9148BPCZ Datasheet HTML 54Page - Analog Devices AD9148BPCZ Datasheet HTML 55Page - Analog Devices AD9148BPCZ Datasheet HTML 56Page - Analog Devices AD9148BPCZ Datasheet HTML 57Page - Analog Devices AD9148BPCZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 54 of 73
Figure 68 shows the pass-band filter response for HB3. In most
applications, the usable bandwidth of the filter is limited by the
image suppression provided by the stop-band rejection and not
by the pass-band flatness. Table 23 shows the pass-band flatness
and stop-band rejection the HB3 filter supports at different
bandwidths.
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
00.28
0.24
0.20
0.16
0.12
0.08
0.04
(×
fIN3)
Figure 68. Pass-Band Detail of HB3
Table 23. HB3 Pass-Band and Stop-Band Performance by
Bandwidth
Bandwidth (% of fIN3)
Pass-Band
Flatness (dB)
Stop-Band
Rejection (dB)
40
0.001
85
40.8
0.0014
80
42.4
0.002
70
45.6
0.0093
60
49.8
0.03
50
55.6
0.1
40
The maximum bandwidth can be achieved if the signal carrier
frequency is placed directly at the center of one of the filter pass
bands. In this case, the entire quadrature bandwidth of the
interpolation filter (0.8 × fDATA) is available. The available signal
bandwidth decreases as the carrier frequency of the signal moves
away from the center frequency of the filter. The worst-case
carrier frequency is one that falls directly between the center
frequency of two adjacent filters. Figure 69 shows how the
signal bandwidth changes as a function of placement in the
spectrum and interpolation rate.
0.4
0.3
0.2
0.1
DC
–1/2
1/2
–3/8
3/8
–1/4
1/4
–1/8
1/8
fC (×fDAC)
×2 MODE
×4 MODE
×8 MODE
CARRIER FREQUENCY
0.075
0.0375
0.15
0
Figure 69. Complex Signal Bandwidth as a Function of Output Frequency
FINE MODULATION
The fine modulation makes use of a numerically controlled oscillator,
a phase shifter, and a complex modulator to provide a means for
modulating the signal by a programmable carrier signal. A block
diagram of the fine modulator is shown in Figure 70. The fine
modulator allows the signal to be placed anywhere in the output
spectrum with very fine frequency resolution.
INTERPOLATION
INTERPOLATION
NCO
1
0
–1
COSINE
SINE
I DATA
Q DATA
FTW[31:0]
SPECTRAL
INVERSION
OUT_I
OUT_Q
+
–
NCO PHASE OFFSET
WORD [15:0]
Figure 70. Fine Modulator Block Diagram
The quadrature modulator is used to mix the carrier signal
generated by the NCO with the I and Q signal. The NCO produces
a quadrature carrier signal to translate the input signal to a new
center frequency. A complex carrier signal is a pair of sinusoidal
waveforms of the same frequency, offset 90° from each other.
The frequency of the complex carrier signal is set via the
FTW[31:0] value in Register 0x54 through Register 0x57.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com