Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4T6C Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM8S105C4T6C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4T6C Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM8S105C4T6C Datasheet HTML 60Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 61Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 62Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 63Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 64Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 65Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 66Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 67Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 127 page
background image
VCAP external capacitor
10.3.1
Stabilization for the main regulator is achieved connecting an external capacitor CEXT to the
VCAP pin. CEXT is specified in the Operating conditions section. Care should be taken to limit
the series inductance to less than 15 nH.
Figure 12: External capacitor CEXT
ESR
RLeak
ESL
C
1. ESR is the equivalent series resistance and ESL is the equivalent inductance.
Supply current characteristics
10.3.2
The current consumption is measured as described in Pin input voltage.
Total current consumption in run mode
10.3.2.1
Table 21: Total current consumption with code execution in run mode at VDD = 5 V
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
mA
3.2
HSE crystal osc.
(16 MHz)
fCPU = fMASTER
= 16 MHz
Supply
current in run
mode, code
IDD(RUN)
executed
from RAM
3.2
2.6
HSE user ext. clock
(16 MHz)
3.2
2.5
HSI RC osc.
(16 MHz)
2.2
1.6
HSE user ext. clock
(16 MHz)
fCPU = fMASTER/128 =
125 kHz
2.0
1.3
HSI RC osc.
(16 MHz)
DocID14771 Rev 9
64/127
STM8S105xx
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com