Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4T6C Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM8S105C4T6C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4T6C Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM8S105C4T6C Datasheet HTML 24Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 25Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 26Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 27Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 28Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 29Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 30Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 31Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 127 page
background image
Alternate
function after
remap
[option bit]
Default alternate
function
Main function
(after reset)
Output
Input
Type
Pin
name
Pin number
PP
OD
Speed
High
sink
Ext.
interrupt
wpu
floating
SDIP32
LQFP32/
VFQFPN32/
UFQFPN32
LQFP44
LQFP48
TIM1_ BKIN
[AFR3]/
Timer 3 -
channel 2
Port D0
X
X
O3
HS
X
X
X
I/O
PD0/
TIM3_
CH2
[TIM1_
30
25
37
41
CLK_ CCO
[AFR2]
BKIN]
[CLK_
CCO]
SWIM data
interface
Port D1
X
X
O4
HS
X
X
X
I/O
PD1/
SWIM
31
26
38
42
TIM2_CH3
[AFR1]
Timer 3 -
channel 1
Port D2
X
X
O3
HS
X
X
X
I/O
PD2/
TIM3_
CH1
[TIM2_
CH3]
32
27
39
43
ADC_ ETR
[AFR0]
Timer 2 -
channel 2
Port D3
X
X
O3
HS
X
X
X
I/O
PD3/
TIM2_
CH2
[ADC_
ETR]
1
28
40
44
BEEP output
[AFR7]
Timer 2 -
channel 1
Port D4
X
X
O3
HS
X
X
X
I/O
PD4/
TIM2_
CH1
[BEEP]
2
29
41
45
UART2 data
transmit
Port D5
X
X
O1
X
X
X
I/O
PD5/
UART2_
TX
3
30
42
46
UART2 data
receive
Port D6
X
X
O1
X
X
X
I/O
PD6/
UART2_
RX
4
31
43
47
TIM1_ CH4
[AFR4]
Top level interrupt
Port D7
X
X
O1
X
X
X
I/O
PD7/
TLI
[TIM1_
CH4]
5
32
44
48
(1)
AIN12 is not selectable in ADC scan mode or with analog watchdog.
(2)
In 44-pin package, AIN9 cannot be used by ADC scan mode.
(3)
In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer and protection diode to VDD are not implemented).
Alternate function remapping
5.1.1
As shown in the rightmost column of the pin description table, some alternate functions can
be remapped at different I/O ports by programming one of eight AFR (alternate function
remap) option bits. When the remapping option is active, the default alternate function is no
longer available.
To use an alternate function, the corresponding peripheral must be enabled in the peripheral
registers.
Alternate function remapping does not effect GPIO capabilities of the I/O ports (see the GPIO
section of the family reference manual, RM0016).
DocID14771 Rev 9
28/127
STM8S105xx
Pinout and pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com