Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4T6C Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM8S105C4T6C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4T6C Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM8S105C4T6C Datasheet HTML 32Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 33Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 34Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 35Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 36Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 37Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 38Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 39Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 127 page
background image
Reset
status
Register name
Register label
Block
Address
-
IWDG key register
IWDG_KR
IWDG
0x00
50E0
0x00
IWDG prescaler register
IWDG_PR
0x00
50E1
0xFF
IWDG reload register
IWDG_RLR
0x00
50E2
Reserved area (13 bytes)
0x00
50E3 to
0x00
50EF
0x00
AWU control/ status register 1
AWU_CSR1
AWU
0x00
50F0
0x3F
AWU asynchronous prescaler buffer
register
AWU_APR
0x00
50F1
0x00
AWU timebase selection register
AWU_TBR
0x00
50F2
0x1F
BEEP control/ status register
BEEP_CSR
BEEP
0x00
50F3
Reserved area (12 bytes)
0x00
50F4 to
0x00
50FF
0x00
SPI control register 1
SPI_CR1
SPI
00 5200h
0x00
SPI control register 2
SPI_CR2
00 5201h
0x00
SPI interrupt control register
SPI_ICR
00 5202h
0x02
SPI status register
SPI_SR
00 5203h
0x00
SPI data register
SPI_DR
00 5204h
DocID14771 Rev 9
36/127
STM8S105xx
Memory and register map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com