Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4T6C Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM8S105C4T6C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4T6C Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM8S105C4T6C Datasheet HTML 5Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 6Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 7Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 8Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 9Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 10Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 11Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 12Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 127 page
background image
Description
2
The STM8S105xx access line 8-bit microcontrollers offer from 16 to 32 Kbytes Flash program
memory, plus integrated true data EEPROM. They are referred to as medium-density devices
in the STM8S microcontroller family reference manual (RM0016).
All devices of the STM8S105xx access line provide the following benefits:
• Reduced system cost
- Integrated true data EEPROM for up to 300 k write/erase cycles
- High system integration level with internal clock oscillators, watchdog and brown-out
reset.
• Performance and robustness
- 16 MHz CPU clock frequency
- Robust I/O, independent watchdogs with separate clock source
- Clock security system
• Short development cycles
- Applications scalability across a common family product architecture with compatible
pinout, memory map and and modular peripherals.
- Full documentation and a wide choice of development tools
• Product longevity
- Advanced core and peripherals made in a state-of-the art technology
- A family of products for applications with 2.95 to 5.5 V operating supply
Table 2: STM8S105xx access line features
STM8S105K4
STM8S105K6
STM8S105S4
STM8S105S6
STM8S105C4
STM8S105C6
Device
32
32
44
44
48
48
Pin count
25
25
34
34
38
38
Maximum number
of GPIOs
23
23
31
31
35
35
Ext. Interrupt pins
8
8
8
8
9
9
Timer CAPCOM
channels
3
3
3
3
3
3
Timer
complementary
outputs
7
7
9
9
10
10
A/D Converter
channels
12
12
15
15
16
16
High sink I/Os
16K
32K
16K
32K
16K
32K
Medium density
Flash Program
memory (bytes)
1024
1024
1024
1024
1024
1024
Data EEPROM
(bytes)
2K
2K
2K
2K
2K
2K
RAM (bytes)
9/127
DocID14771 Rev 9
Description
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com