Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4T6C Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM8S105C4T6C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4T6C Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM8S105C4T6C Datasheet HTML 28Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 29Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 30Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 31Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 32Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 33Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 34Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 35Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 127 page
background image
Reset
status
Register name
Register label
Block
Address
0x00
Port F control register 2
PF_CR2
0x00 501D
0x00
Port G data output latch register
PG_ODR
Port G
0x00 501E
0x00
Port G input pin value register
PG_IDR
0x00 501F
0x00
Port G data direction register
PG_DDR
0x00 5020
0x00
Port G control register 1
PG_CR1
0x00 5021
0x00
Port G control register 2
PG_CR2
0x00 5022
0x00
Port H data output latch register
PH_ODR
Port H
0x00 5023
0x00
Port H input pin value register
PH_IDR
0x00 5024
0x00
Port H data direction register
PH_DDR
0x00 5025
0x00
Port H control register 1
PH_CR1
0x00 5026
0x00
Port H control register 2
PH_CR2
0x00 5027
0x00
Port I data output latch register
PI_ODR
Port I
0x00 5028
0x00
Port I input pin value register
PI_IDR
0x00 5029
0x00
Port I data direction register
PI_DDR
0x00 502A
0x00
Port I control register 1
PI_CR1
0x00 502B
0x00
Port I control register 2
PI_CR2
0x00 502C
DocID14771 Rev 9
32/127
STM8S105xx
Memory and register map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com