Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68HC05 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 24Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 25Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 26Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 27Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 28Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 29Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 30Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 31Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 128 page
background image
Technical Data
MC68HC05J1A — Rev. 3.0
Memory
Memory
2.4 Input/Output (I/O) Section
The first 32 addresses of the memory space, $0001–$001F, are the I/O
section. These are the addresses of the I/O control registers, status
registers, and data registers. See Figure 2-2.
One I/O register shown in Figure 2-2 is located outside the 32-byte I/O
section: the computer operating properly (COP) register is mapped at
$07F0.
2.5 Random-Access Memory (RAM)
The 64 addresses from $00C0 to $00FF serve as both the user RAM and
the stack RAM. The CPU uses five stack RAM bytes to save all CPU
register contents before processing an interrupt. During a subroutine
call, the CPU uses two bytes to store the return address. The stack
pointer decrements during pushes and increments during pulls.
NOTE:
Be careful when using nested subroutines or multiple interrupt levels.
The CPU may overwrite data in the RAM during a subroutine or during
the interrupt stacking operation.
2.6 Read-Only Memory (ROM)
The ROM is located in two areas of the memory map:
1. Addresses $0300–$07CF contain 1232 bytes of user ROM.
2. Addresses $07F8–$07FF contain 16 bytes of ROM reserved for
user vectors.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com