Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68HC05 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 53Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 54Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 55Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 56Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 57Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 58Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 59Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 60Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 128 page
background image
Low-Power Modes
Halt Mode
MC68HC05J1A — Rev. 3.0
Technical Data
Low-Power Modes
These conditions restart the CPU clock and bring the MCU out of wait
mode:
•
An external interrupt signal on the IRQ pin — A high-to-low
transition on the IRQ pin loads the program counter with the
contents of locations $07FA and $07FB.
•
An external interrupt signal on a port A external interrupt
pin — If the mask option for the port A external interrupt function
is selected, a low-to-high transition on a PA3–PA0 pin loads the
program counter with the contents of locations $07FA and $07FB.
•
A timer interrupt — A timer overflow or a real-time interrupt request
loads the program counter with the contents of locations $07F8
and $07F9.
•
A COP watchdog reset — A timeout of the mask-optional COP
watchdog resets the MCU and loads the program counter with the
contents of locations $07FE and $07FF. Software can enable
real-time interrupts so that the MCU can periodically exit wait
mode to reset the COP watchdog.
•
External reset — A logic 0 on the RESET pin resets the MCU and
loads the program counter with the contents of locations $07FE
and $07FF.
6.5 Halt Mode
If the mask option to disable the STOP instruction is selected, a STOP
instruction puts the MCU in halt mode. The halt mode is identical to the
wait mode, except that a recovery delay of 1–4064 internal clock cycles
occurs when the MCU exits the halt mode. If the mask option to disable
the STOP instruction is selected, the COP watchdog cannot be
inadvertently turned off by a STOP instruction.
Figure 6-1 shows the sequence of events in stop, wait, and halt modes.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com