Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68HC05 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 57Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 58Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 59Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 60Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 61Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 62Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 63Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 64Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 128 page
background image
MC68HC05J1A — Rev. 3.0
Technical Data
Parallel Input/Output (I/O)
Technical Data — MC68HC05J1A
Section 7. Parallel Input/Output (I/O)
7.1 Contents
7.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
7.3
I/O Port Function. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
7.4
Port A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
7.4.1
Port A Data Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
7.4.2
Data Direction Register A . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
7.4.3
Pulldown Register A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
7.4.4
Port A External Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
7.5
Port B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
7.5.1
Port B Data Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
7.5.2
Data Direction Register B . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
7.5.3
Pulldown Register B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
7.2 Introduction
This section describes the two bidirectional input/output (I/O) ports.
7.3 I/O Port Function
The 14 bidirectional I/O pins form two parallel I/O ports. Each I/O pin is
programmable as an input or an output. The contents of the data
direction registers determine the data direction of each I/O pin.
All 14 I/O pins have mask-optional, software-programmable pulldown
devices.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com