Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68HC05 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 65Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 66Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 67Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 68Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 69Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 70Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 71Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 72Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 128 page
background image
Parallel Input/Output (I/O)
Port B
MC68HC05J1A — Rev. 3.0
Technical Data
Parallel Input/Output (I/O)
7.5.3 Pulldown Register B
All port B pins have mask-optional, programmable pulldown devices that
typically sink 100
µA. Clearing any of the PDIB5–PDIB0 bits in pulldown
register B (PDRB) turns on the pulldown devices. See Figure 7-7.
Pulldown register B can turn on a port B pulldown device only when the
port B pin is an input. Reset clears bits PDIB5–PDIB0, turning on the port
B pulldown devices.
PDIB5–PDIB0 — Pulldown Inhibit Bits
Writing logic 0s to these write-only bits turns on the port B pulldown
devices. Reading pulldown register B returns undefined data.
1 = Corresponding port B pin pulldown device turned off
0 = Corresponding port B pin pulldown device turned on
Bits 7 and 6 — Not used
NOTE:
Avoid a floating port B input by clearing its pulldown register bit before
changing its DDRB bit from logic 1 to logic 0.
Do not use read-modify-write instructions on pulldown register B.
Figure 7-8 shows the port B I/O logic.
Reading a port B output actually reads the value of the data latch and
not the voltage on the pin itself. When a port B pin is programmed as an
input, reading the port bit reads the voltage level on the pin. The data
latch can always be written, regardless of the state of its DDR bit.
Table 7-2 summarizes the operation of the port B pins.
Address:
$0011
Bit 7
6
54321
Bit 0
Read:
Write:
PDIB5
PDIB4
PDIB3
PDIB2
PDIB1
PDIB0
Reset:
000000
= Unimplemented
Figure 7-7. Pulldown Register B (PDRB)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com