Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68HC05 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 14Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 15Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 16Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 17Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 18Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 19Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 20Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 21Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 128 page
background image
Technical Data
MC68HC05J1A — Rev. 3.0
General Description
General Description
1.2 Introduction
The MC68HC05J1A is a member of the low-cost, high-performance
M68HC05 Family of 8-bit microcontroller units (MCU). The M68HC05
Family is based on the customer-specified integrated circuit (CSIC)
design strategy. All MCUs in the family use the popular M68HC05
central processor unit (CPU) and are available with a variety of
subsystems, memory sizes and types, and package types.
On-chip memory of the MC68HC05J1A includes:
•
1240 bytes of user read-only memory (ROM)
•
64 bytes of user random-access memory (RAM)
Information on the MC68HCL05J1A, a low-power version of the
MC68HC05J1A, is introduced in Appendix A. MC68HCL05J1A.
Information on the MC68HSC05J1A, a high-speed version of the
MC68HC05J1A, is introduced in Appendix B. MC68HSC05J1A.
1.3 Features
Features of the MCU include:
•
Popular M68HC05 CPU
•
Memory-mapped input/output (I/O) registers
•
1240 bytes of user ROM including eight user vector locations
•
64 bytes of user RAM
•
14 bidirectional I/O pins with these features:
–
Software programmable pulldown devices
–
Four I/O pins with 8-mA current sinking capability
–
Four I/O pins with maskable external interrupt capability
•
Hardware mask and flag for external interrupts
•
Fully static operation with no minimum clock speed
•
On-chip oscillator with connections for a crystal or ceramic
resonator or for a resistor-capacitor (RC) network
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com