Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I.MX27 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # I.MX27
Description  Multimedia Applications Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

I.MX27 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button I.MX27 Datasheet HTML 17Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 18Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 19Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 20Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 21Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 22Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 23Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 24Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 148 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.5
Freescale Semiconductor
21
Functional Description and Application Information
2.3.29
Run-TIme Integrity Checker (RTIC)
The Run-Time Integrity Checker (RTIC) is one of the security components in the i.MX27/MX27L
processors. Its purpose is to ensure the integrity of the peripheral memory contents and assist with boot
authentication. The RTIC has the ability to verify the memory contents during system boot and during
run-time execution. If the memory contents at runtime fail to match the hash signature, an error in the
security monitor is triggered.
Contact your Freescale Semiconductor sales office or distributor for additional information on SCC, RTIC,
IIM, SAHARA2
2.3.30
Symmetric/Asymmetric Hashing and Random Accelerator
(SAHARA2)
SAHARA2 is a security co-processor, it implements encryption algorithms (AES, DES, and 3DES),
hashing algorithms (MD5, SHA-1, SHA_224, and SHA-256), stream cipher algorithm (ARC4), and a
hardware random number generator.
Contact your Freescale Semiconductor sales office or distributor for additional information on SCC, RTIC,
IIM, SAHARA2
2.3.31
Security Controller Module (SCC)
The Security Controller Module (SCC) is a hardware security component. Overall, its primary
functionality is associated with establishing a centralized security state controller and hardware security
state with a hardware configured, unalterable security policy.
Contact your Freescale Semiconductor sales office or distributor for additional information on SCC, RTIC,
IIM, and SAHARA2.
2.3.32
Secure Digital Host Controller (SDHC)
The Secure Digital Host Controller (SDHC) controls the MultiMedia Card (MMC), Secure Digital (SD)
memory, and I/O cards by sending commands to cards and performing data accesses to/from the cards. The
Multimedia Card/Secure Digital Host (MMC/SD) module integrates both MMC support along with SD
memory and I/O functions. The SDHC is fully compatible with the MMC System Specification Version
3.0, as well as with the SD Memory Card Specification 1.0, and SD I/O Specification 1.0 with 1/4
channel(s). The maximum data rate in 4-bit mode is 100 Mbps. The SDHC uses a built-in programmable
frequency counter for the SDHC bus, and provides a maskable hardware interrupt for an SDIO interrupt,
internal status, and FIFO status. It has a pair of 32
× 16-bit data FIFO buffers built in.
The MultiMedia Card (MMC) is a universal, low-cost data storage and communication media that is
designed to cover a wide area of applications, including, for example, electronic toys, organizers, PDAs,
and smart phones. The MMC communication is based on an advanced 7-pin serial bus designed to operate
in a low-voltage range.
The Secure Digital Card (SD) is an evolution of MMC technology, with two additional pins in the form
factor. It is specifically designed to meet the security, capacity, performance, and environment
requirements inherent in newly emerging audio and video consumer electronic devices. The physical form



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com