Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SS Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 27Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 28Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 29Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 30Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 31Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 32Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 33Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 34Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 418 page
background image
TABLE 2-6:
PIC16F1938/1939 MEMORY MAP, BANKS 0-7
Legend:
= Unimplemented data memory locations, read as ‘0’.
Note 1:
Not available on PIC16F1933/1936/1938/PIC16LF1933/1936/1938.
BANK 0
BANK 1
BANK 2
BANK 3
BANK 4
BANK 5
BANK 6
BANK 7
000h
INDF0
080h
INDF0
100h
INDF0
180h
INDF0
200h
INDF0
280h
INDF0
300h
INDF0
380h
INDF0
001h
INDF1
081h
INDF1
101h
INDF1
181h
INDF1
201h
INDF1
281h
INDF1
301h
INDF1
381h
INDF1
002h
PCL
082h
PCL
102h
PCL
182h
PCL
202h
PCL
282h
PCL
302h
PCL
382h
PCL
003h
STATUS
083h
STATUS
103h
STATUS
183h
STATUS
203h
STATUS
283h
STATUS
303h
STATUS
383h
STATUS
004h
FSR0L
084h
FSR0L
104h
FSR0L
184h
FSR0L
204h
FSR0L
284h
FSR0L
304h
FSR0L
384h
FSR0L
005h
FSR0H
085h
FSR0H
105h
FSR0H
185h
FSR0H
205h
FSR0H
285h
FSR0H
305h
FSR0H
385h
FSR0H
006h
FSR1L
086h
FSR1L
106h
FSR1L
186h
FSR1L
206h
FSR1L
286h
FSR1L
306h
FSR1L
386h
FSR1L
007h
FSR1H
087h
FSR1H
107h
FSR1H
187h
FSR1H
207h
FSR1H
287h
FSR1H
307h
FSR1H
387h
FSR1H
008h
BSR
088h
BSR
108h
BSR
188h
BSR
208h
BSR
288h
BSR
308h
BSR
388h
BSR
009h
WREG
089h
WREG
109h
WREG
189h
WREG
209h
WREG
289h
WREG
309h
WREG
389h
WREG
00Ah
PCLATH
08Ah
PCLATH
10Ah
PCLATH
18Ah
PCLATH
20Ah
PCLATH
28Ah
PCLATH
30Ah
PCLATH
38Ah
PCLATH
00Bh
INTCON
08Bh
INTCON
10Bh
INTCON
18Bh
INTCON
20Bh
INTCON
28Bh
INTCON
30Bh
INTCON
38Bh
INTCON
00Ch
PORTA
08Ch
TRISA
10Ch
LATA
18Ch
ANSELA
20Ch
—
28Ch
—
30Ch
—
38Ch
—
00Dh
PORTB
08Dh
TRISB
10Dh
LATB
18Dh
ANSELB
20Dh
WPUB
28Dh
—
30Dh
—
38Dh
—
00Eh
PORTC
08Eh
TRISC
10Eh
LATC
18Eh
—20Eh
—28Eh
—30Eh
—38Eh
—
00Fh
PORTD(1)
08Fh
TRISD(1)
10Fh
LATD(1)
18Fh
ANSELD(1)
20Fh
—28Fh
—30Fh
—38Fh
—
010h
PORTE
090h
TRISE
110h
LATE(1)
190h
ANSELE(1)
210h
WPUE
290h
—
310h
—
390h
—
011h
PIR1
091h
PIE1
111h
CM1CON0
191h
EEADRL
211h
SSPBUF
291h
CCPR1L
311h
CCPR3L
391h
—
012h
PIR2
092h
PIE2
112h
CM1CON1
192h
EEADRH
212h
SSPADD
292h
CCPR1H
312h
CCPR3H
392h
—
013h
PIR3
093h
PIE3
113h
CM2CON0
193h
EEDATL
213h
SSPMSK
293h
CCP1CON
313h
CCP3CON
393h
—
014h
—094h
—
114h
CM2CON1
194h
EEDATH
214h
SSPSTAT
294h
PWM1CON
314h
PWM3CON
394h
IOCBP
015h
TMR0
095h
OPTION
115h
CMOUT
195h
EECON1
215h
SSPCON1
295h
CCP1AS
315h
CCP3AS
395h
IOCBN
016h
TMR1L
096h
PCON
116h
BORCON
196h
EECON2
216h
SSPCON2
296h
PSTR1CON
316h
PSTR3CON
396h
IOCBF
017h
TMR1H
097h
WDTCON
117h
FVRCON
197h
—
217h
SSPCON3
297h
—
317h
—
397h
—
018h
T1CON
098h
OSCTUNE
118h
DACCON0
198h
—218h
—
298h
CCPR2L
318h
CCPR4L
398h
—
019h
T1GCON
099h
OSCCON
119h
DACCON1
199h
RC1REG
219h
—
299h
CCPR2H
319h
CCPR4H
399h
—
01Ah
TMR2
09Ah
OSCSTAT
11Ah
SRCON0
19Ah
TX1REG
21Ah
—
29Ah
CCP2CON
31Ah
CCP4CON
39Ah
—
01Bh
PR2
09Bh
ADRESL
11Bh
SRCON1
19Bh
SPBRGL1
21Bh
—
29Bh
PWM2CON
31Bh
—39Bh
—
01Ch
T2CON
09Ch
ADRESH
11Ch
—
19Ch
SPBRGH1
21Ch
—
29Ch
CCP2AS
31Ch
CCPR5L
39Ch
—
01Dh
—
09Dh
ADCON0
11Dh
APFCON
19Dh
RCSTA1
21Dh
—
29Dh
PSTR2CON
31Dh
CCPR5H
39Dh
—
01Eh
CPSCON0
09Eh
ADCON1
11Eh
—
19EhTXSTA121Eh
—
29Eh
CCPTMRS0
31Eh
CCP5CON
39Eh
—
01Fh
CPSCON1
09Fh
—11Fh
—
19Fh
BAUDCTL1
21Fh
—
29Fh
CCPTMRS1
31Fh
—39Fh
—
020h
General
Purpose
Register
96 Bytes
0A0h
General
Purpose
Register
80 Bytes
120h
General
Purpose
Register
80 Bytes
1A0h
General
Purpose
Register
80 Bytes
220h
General
Purpose
Register
80 Bytes
2A0h
General
Purpose
Register
80 Bytes
320h
General
Purpose
Register
80 Bytes
3A0h
General
Purpose
Register
80 Bytes
32Fh
330h
06Fh
0EFh
16Fh
1EFh
26Fh
2EFh
36Fh
3EFh
070h
0F0h
Accesses
70h – 7Fh
170h
Accesses
70h – 7Fh
1F0h
Accesses
70h – 7Fh
270h
Accesses
70h – 7Fh
2F0h
Accesses
70h – 7Fh
370h
Accesses
70h – 7Fh
3F0h
Accesses
70h – 7Fh
07Fh
0FFh
17Fh
1FFh
27Fh
2FFh
37Fh
3FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com