Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SS Datasheet(PDF) 75 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 75 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 71Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 72Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 73Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 74Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 75Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 76Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 77Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 78Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 73
PIC16F193X/LF193X
4.5.1
INTCON REGISTER
The INTCON register is a readable and writable
register, which contains the various enable and flag bits
for TMR0 register overflow, interrupt-on-change and
external INT pin interrupts.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Enable bit, GIE of the INTCON register.
User software should ensure the appropri-
ate interrupt flag bits are clear prior to
enabling an interrupt.
REGISTER 4-1:
INTCON: INTERRUPT CONTROL REGISTER
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R-0/0
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF(1)
INTF
IOCIF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
GIE: Global Interrupt Enable bit
1
= Enables all unmasked interrupts
0
= Disables all interrupts
bit 6
PEIE: Peripheral Interrupt Enable bit
1
= Enables all unmasked peripheral interrupts
0
= Disables all peripheral interrupts
bit 5
TMR0IE: Timer0 Overflow Interrupt Enable bit
1
= Enables the Timer0 interrupt
0
= Disables the Timer0 interrupt
bit 4
INTE: RB0/INT External Interrupt Enable bit
1
= Enables the RB0/INT external interrupt
0
= Disables the RB0/INT external interrupt
bit 3
IOCIE: Interrupt-on-Change Enable bit(1)
1
= Enables the interrupt-on-change
0
= Disables the interrupt-on-change
bit 2
TMR0IF: Timer0 Overflow Interrupt Flag bit(2)
1
= TMR0 register has overflowed (must be cleared in software)
0
= TMR0 register did not overflow
bit 1
INTF: INT External Interrupt Flag bit
1
= The INT external interrupt occurred (must be cleared in software)
0
= The INT external interrupt did not occur
bit 0
IOCIF: Interrupt-on-Change Interrupt Flag bit
1
= When at least one of the interrupt-on-change pins changed state (must be cleared in software)
0
= None of the interrupt-on-change pins have changed state
Note 1:
TMR0IF bit is set when Timer0 rolls over. Timer0 is unchanged on Reset and should be initialized before
clearing TMR0IF bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com