| Electronic Components Datasheet Search |
|
PIC16F1934-E/SS Datasheet(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1934-E/SS Datasheet(HTML) 4 Page - Microchip Technology |
|
4 / 418 page ![]() PIC16F193X/LF193X DS41364A-page 2 Preliminary © 2008 Microchip Technology Inc. Peripheral Features (Continued): • SR Latch (555 Timer): - Multiple Set/Reset input options • Integrated LCD Controller: - Up to 96 segments - Variable clock input - Contrast control - Internal voltage reference selections • 2 Comparators: - Rail-to-rail inputs/outputs - Power mode control - Software enable hysteresis • Voltage Reference module: - Fixed Voltage Reference (FVR) with 1.024V, 2.048V and 4.096V output levels - 5-bit rail-to-rail resistive DAC with positive and negative reference selection PIC16F193X/LF193X Family Types Device Program Memory Flash (words) Data EEPROM (bytes) SRAM (bytes) I/Os 10-bit A/D (ch) Comparators Timers 8/16-bit EUSART MI2C/ SPI ECCP Full Bridge ECCP Half Bridge CCP LCD PIC16F1933 PIC16LF1933 4096 256 256 25 11 2 4/1 Yes Yes 1 2 2 16(1)/4 PIC16F1934 PIC16LF1934 4096 256 256 36 14 2 4/1 Yes Yes 2 1 2 24/4 PIC16F1936 PIC16LF1936 8192 256 512 25 11 2 4/1 Yes Yes 1 2 2 16(1)/4 PIC16F1937 PIC16LF1937 8192 256 512 36 14 2 4/1 Yes Yes 2 1 2 24/4 PIC16F1938 PIC16LF1938 16384 256 1024 25 14 2 4/1 Yes Yes 1 2 2 16(1)/4 PIC16F1939 PIC16LF1939 16384 256 1024 36 14 2 4/1 Yes Yes 2 1 2 24/4 Note 1: COM3 and SEG15 share the same physical pin on PIC16F1933/1936/1938/PIC16LF1933/1936/1938, therefore, SEG15 is not available when using 1/4 multiplex displays. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |