Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SS Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 67Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 68Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 69Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 70Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 71Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 72Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 73Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 74Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 69
PIC16F193X/LF193X
4.0
INTERRUPTS
The PIC16F193X/LF193X device family features an
interruptible core, allowing certain events to preempt
normal program flow. An Interrupt Service Routine
(ISR) is used to determine the source of the interrupt
and act accordingly. Some interrupts can be configured
to wake the MCU from Sleep mode.
The PIC16F193X/LF193X device family has 23 inter-
rupt sources, differentiated by corresponding interrupt
enable and flag bits:
• External Edge Detect on INT Pin Interrupt
• Interrupt-on-Change Interrupt
• A/D Conversion Complete Interrupt
• EEPROM Write Complete Interrupt
• EUSART Receive Interrupt
• EUSART Transmit Interrupt
• LCD Module Interrupt
• Oscillator Fail Interrupt
• Timer0 Overflow Interrupt
• Timer1 Gate Interrupt
• Timer1 Overflow Interrupt
• Timer2 Match with PR2 Interrupt
• Timer4 Match with PR4 Interrupt
• Timer6 Match with PR6 Interrupt
• Comparator C1 Interrupt
• Comparator C2 Interrupt
• CCP1 Event Interrupt
• CCP2 Event Interrupt
• CCP3 Event Interrupt
• CCP4 Event Interrupt
• CCP5 Event Interrupt
• MSSP Event Interrupt
• MSSP Bus Collision Interrupt
A block diagram of the interrupt logic is shown in
Figure 4-1.
FIGURE 4-1:
INTERRUPT LOGIC
TMR0IF
TMR0IE
INTF
INTE
IOCIF
IOCIE
GIE
PEIE
Wake-up (If in Sleep mode)
Interrupt to CPU
From Peripheral Interrupt
Logic (Figure 4-2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com