Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SS Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 39Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 40Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 41Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 42Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 43Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 44Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 45Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 46Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 41
PIC16F193X/LF193X
Bank 6
300h(2)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
301h(2)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
302h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
303h(2)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
304h(2)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
305h(2)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
306h(2)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
307h(2)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
308h(2)
BSR
—
—
—
BSR4
BSR3
BSR2
BSR1
BSR0
---0 0000 ---0 0000
309h(2)
WREG
Working Register
0000 0000 uuuu uuuu
30Ah(1, 2) PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
30Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
30Ch
—
Unimplemented
—
—
30Dh
—
Unimplemented
—
—
30Eh
—
Unimplemented
—
—
30Fh
—
Unimplemented
—
—
310h
—
Unimplemented
—
—
311h
CCPR3L
Capture/Compare/PWM Register 3 (LSB)
xxxx xxxx uuuu uuuu
312h
CCPR3H
Capture/Compare/PWM Register 3 (MSB)
xxxx xxxx uuuu uuuu
313h
CCP3CON
P3M1
P3M0
DC3B1
DC3B0
CCP3M3
CCP3M2
CCP3M1
CCP3M0 0000 0000 0000 0000
314h
PWM3CON
P3RSEN
P3DC6
P3DC5
P3DC4
P3DC3
P3DC2
P3DC1
P3DC0
0000 0000 0000 0000
315h
CCP3AS
CCP3ASE
CCP3AS2
CCP3AS1
CCP3AS0
PSS3AC1
PSS3AC0 PSS3BD1 PSS3BD0 0000 0000 0000 0000
316h
PSTR3CON
—
—
—
STR3SYNC
STR3D
STR3C
STR3B
STR3A
---0 0001 ---0 0001
317h
—
Unimplemented
—
—
318h
CCPR4L
Capture/Compare/PWM Register 4 (LSB)
xxxx xxxx uuuu uuuu
319h
CCPR4H
Capture/Compare/PWM Register 4 (MSB)
xxxx xxxx uuuu uuuu
31Ah
CCP4CON
—
—
DC4B1
DC4B0
CCP4M3
CCP4M2
CCP4M1
CCP4M0 --00 0000 --00 0000
31Bh
—
Unimplemented
—
—
31Ch
CCPR5L
Capture/Compare/PWM Register 5 (LSB)
xxxx xxxx uuuu uuuu
31Dh
CCPR5H
Capture/Compare/PWM Register 5 (MSB)
xxxx xxxx uuuu uuuu
31Eh
CCP5CON
—
—
DC5B1
DC5B0
CCP5M3
CCP5M2
CCP5M1
CCP5M0 --00 0000
--00 0000
31Fh
—
Unimplemented
—
—
TABLE 2-13:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
Resets
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<14:8>, whose contents are transferred
to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
These registers/bits are not implemented on PIC16F1933/1936/1938/PIC16LF1933/1936/1938 devices, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com